Electronic Components Datasheet Search
  English  ▼

X  

VRE404 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE404
Description  Precision Dual Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE404 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE404 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MODEL
A/J
B/K
C/L
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ABSOLUTE RATINGS
Power Supply
±13.5
±15
±22
*
*
*
*
*
*
V
Operating Temp. (A,B,C)
0
+70
*
*
*
*
°C
Operating Temp. (J,K,L)
-40
+85
*
*
*
*
°C
Storage Temperature
-65
+150
*
*
*
*
°C
Short Circuit Protection
Continuous
*
*
OUTPUT VOLTAGE
VRE402
±2.5
*
*
V
OUTPUT VOLTAGE ERRORS
Initial Error
0.25
0.40
0.50
mV
Warmup Drift
1
2
3
ppm
Tmin - Tmax
0.6
1.0
2.0
ppm/
°C
Tracking Error
0.2
0.3
0.4
mV
Long-Term Stability
6
*
*
ppm/1000hrs
Noise (.1-10Hz)
1.5
*
*
µVpp
OUTPUT CURRENT
Range
±10
*
*
mA
REGULATION
Line
3
10
*
*
*
*
ppm/V
Load
3
*
*
ppm/mA
POWER SUPPLY CURRENTS
+PS
7
9
*
*
*
*
mA
-PS
4
6
*
*
*
*
mA
VRE402
NOTES:
*Same as A/J Models.
1. The specified values are without external trim.
2. The temperature coefficient (tc) is determined by the
box method using the following formula:
Vmax - Vmin
tc =
x 106
Vnominal x (Tmax-Tmin)
3. The tracking error is the deviation between the
positive and negative output over the operating temp.
range.
(1)
(4)
(2)
(3)
VRE402DS REV. A MAY 1996
Vps =
±15V, T = 25°C, RL = 10K
Ω unless otherwise noted.
ELECTRICAL SPECIFICATIONS
4. The specified values are unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com