Electronic Components Datasheet Search
  English  ▼

X  

VRE404 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VRE404
Description  Precision Dual Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE404 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VRE404 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
VRE402
Precision
Dual Reference
DESCRIPTION
FEATURES
The VRE402 is a low cost, high precision, ±2.5V
reference.
Packaged in 14 pin DIP or SMT
packages, the device is ideal for new designs that
need a high performance reference.
The device provides ultrastable ±2.500V output
with ±0.250 mV (.01%) initial accuracy and a
temperature coefficient of 0.6 ppm/°C.
This
improvement in accuracy is made possible by a
unique, patented multipoint laser compensation
technique developed by Thaler Corporation.
Another key feature of this reference is the 0.3 mV
maximum tracking error between the positive and
negative output voltages over the operating
temperature range. This is extremely important in
high performance systems for reducing overall
system errors.
For designs which use the DIP package in a
socket, there is a reference ground pin to
eliminate reference ground errors.
The VRE402 is recommended for use as a
reference
for
high
precision
A/D
and
D/A
converters which require an external precision
reference.
The device is ideal for calibrating
scale factor on high resolution A/D converters.
The VRE402 offers superior performance over
monolithic references.
• ±2.500 V OUTPUT ± 0.250 mV (.01%)
• TEMPERATURE DRIFT: 0.6 ppm/°C
• LOW NOISE: 1.5µVpp (0.1-10Hz)
• TRACKING ERROR: 0.2 mV max.
• EXCELLENT LINE REGULATION: 6ppm/V Typ.
• SURFACE MOUNT AND DIP PACKAGES
FIGURE 1
VRE402DS REV. A MAY 1996
SELECTION GUIDE
Model
Temp.
Range
°C
Temp.
Coeff.
ppm/
°C
VRE402A
0.25
0.6
0°C to +70°C
VRE402B
0.40
1.0
0°C to +70°C
VRE402C
0.50
2.0
0°C to +70°C
VRE402J
0.25
0.6
-40°C to +85°C
VRE402K
0.40
1.0
-40°C to +85°C
VRE402L
0.50
2.0
-40°C to +85°C
For package option add D for DIP or S for Surface
Mount to end of model number.
Initial
Error
mV
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000
11
12
13
14
VRE402
TOP
VIEW
1
2
3
4
N/C
+V
IN
GND
REF. GND
+V
OUT
PIN CONFIGURATION
5
6
7
10
9
8
- V
OUT
N/C
- V
IN
N/C
N/C
N/C
N/C
N/C
N/C


Similar Part No. - VRE404

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405AD CIRRUS-VRE405AD Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405AS CIRRUS-VRE405AS Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405BD CIRRUS-VRE405BD Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE405BS CIRRUS-VRE405BS Datasheet
699Kb / 5P
Precision Dual Voltage Reference
More results

Similar Description - VRE404

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Cirrus Logic
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
Precision Dual Voltage Reference
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
Precision Dual Voltage Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com