Electronic Components Datasheet Search
  English  ▼

X  

VRE404 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRE404
Description  Precision Dual Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE404 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRE404 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DISCUSSION OF PERFORMANCE
VRE402DS REV. A MAY 1996
VRE402
FIGURE 2
THEORY OF OPERATION
The following discussion refers to the schematic in
figure 2 below. A FET current source is used to bias
a 6.3V zener diode. The zener voltage is divided by
the resistor network R1 and R2. This voltage is then
applied to the noninverting input of the operational
amplifier which amplifies the voltage to produce a
2.500V output. The gain is determined by the
resistor networks R3 and R4: G=1 + R4/R3. The
6.3V zener diode is used because it is the most
stable diode over time and temperature.
The current source provides a closely regulated
zener current, which determines the slope of the
references’ voltage vs. temperature function.
By
trimming the zener current a lower drift over
temperature can be achieved. But since the voltage
vs.
temperature
function
is
nonlinear
this
compensation technique is not well suited for wide
temperature ranges.
Thaler Corporation has developed a nonlinear
compensation network of thermistors and resistors
that is used in the VRE series voltage references.
This proprietary network eliminates most of the
nonlinearity in the voltage vs. temperature function.
By adjusting the slope, Thaler Corporation produces
a very stable voltage over wide temperature ranges.
This network is less than 2% of the overall network
resistance so it has a negligible effect on long term
stability.
The VRE402 reference has it’s ground brought out
on two pins (pin 6 and 7) which are connected
internally. This allows the user to achieve greater
accuracy when using a socket. Voltage references
have a voltage drop across their power supply
ground pin due to quiescent current flowing through
the contact resistance. If the contact resistance was
constant with time and temperature, this voltage
drop could be trimmed out. When the reference is
plugged into a socket, this source of error can be as
high as 20ppm. By connecting pin 7 to the power
supply ground and pin 6 to a high impedance
ground point in the measurement circuit, the error
due to the contact resistance can be eliminated. If
the
unit
is
soldered
into
place,
the
contact
resistance is sufficiently small that it does not effect
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com