Electronic Components Datasheet Search
  English  ▼

X  

VRE404 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # VRE404
Description  Precision Dual Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE404 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button VRE404 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 8Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 9Page - List of Unclassifed Manufacturers VRE404 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
VRE404
Precision
Dual Reference
DESCRIPTION
FEATURES
The VRE404 is a low cost, high precision, ±4.5V
reference.
Packaged in 14 pin DIP or SMT
packages, the device is ideal for new designs that
need a high performance reference.
The device provides ultrastable ±4.500V output
with ±0.450 mV (.01%) initial accuracy and a
temperature coefficient of 0.6 ppm/°C.
This
improvement in accuracy is made possible by a
unique, patented multipoint laser compensation
technique developed by Thaler Corporation.
Another key feature of this reference is the 0.3 mV
maximum tracking error between the positive and
negative output voltages over the operating
temperature range. This is extremely important in
high performance systems for reducing overall
system errors.
For designs which use the DIP package in a
socket, there is a reference ground pin to
eliminate reference ground errors.
The VRE404 is recommended for use as a
reference
for
high
precision
D/A
and
A/D
converters which require an external precision
reference.
The device is ideal for calibrating
scale factor on high resolution A/D converters.
The VRE404 offers superior performance over
monolithic references.
• ±4.500 V OUTPUT ± 0.400 mV (.01%)
• TEMPERATURE DRIFT: 0.6 ppm/°C
• LOW NOISE: 3µVpp (0.1-10Hz)
• TRACKING ERROR: 0.3 mV max.
• EXCELLENT LINE REGULATION: 6ppm/V Typ.
• SURFACE MOUNT AND DIP PACKAGES
FIGURE 1
VRE404DS REV. A MAY 1996
SELECTION GUIDE
Model
Temp.
Range
°C
Temp.
Coeff.
ppm/
°C
VRE404A
0.45
0.6
0°C to +70°C
VRE404B
0.70
1.0
0°C to +70°C
VRE404C
0.90
2.0
0°C to +70°C
VRE404J
0.45
0.6
-40°C to +85°C
VRE404K
0.70
1.0
-40°C to +85°C
VRE404L
0.90
2.0
-40°C to +85°C
For package option add D for DIP or S for Surface
Mount to end of model number.
Initial
Error
mV
THALER CORPORATION • 2015 N. FORBES BOULEVARD • TUCSON, AZ. 85745 • (520) 882-4000
11
12
13
14
VRE404
TOP
VIEW
1
2
3
4
N/C
+V
IN
GND
REF. GND
+V
OUT
PIN CONFIGURATION
5
6
7
10
9
8
- V
OUT
N/C
- V
IN
N/C
N/C
N/C
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com