Electronic Components Datasheet Search
  English  ▼

X  

K3115B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # K3115B
Description  MOS FIELD EFFECT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K3115B Datasheet(HTML) 3 Page - Renesas Technology Corp

  K3115B Datasheet HTML 1Page - Renesas Technology Corp K3115B Datasheet HTML 2Page - Renesas Technology Corp K3115B Datasheet HTML 3Page - Renesas Technology Corp K3115B Datasheet HTML 4Page - Renesas Technology Corp K3115B Datasheet HTML 5Page - Renesas Technology Corp K3115B Datasheet HTML 6Page - Renesas Technology Corp K3115B Datasheet HTML 7Page - Renesas Technology Corp K3115B Datasheet HTML 8Page - Renesas Technology Corp K3115B Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. D18065EJ2V0DS00 (2nd edition)
Date Published August 2006 NS CP (K)
Printed in Japan
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK3115B
2006
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The 2SK3115B is N-Channel MOS FET device that features a
low gate charge and excellent switching characteristics, and
designed for high voltage applications such as switching power
supply, AC adapter.
FEATURES
• Low gate charge
QG = 21 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 6.0 A)
• Gate voltage rating : ±30 V
• Low on-state resistance
RDS(on) = 1.2
Ω MAX. (VGS = 10 V, ID = 3.0 A)
• Avalanche capability ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
600
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±6.0
A
Drain Current (pulse)
Note1
ID(pulse)
±24
A
Total Power Dissipation (TA = 25°C)
PT1
2.0
W
Total Power Dissipation (TC = 25°C)
PT2
35
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
6.0
A
Single Avalanche Energy
Note2
EAS
24
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 150 V, RG = 25
Ω, VGS = 20 → 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3115B-S17-AY
Note
Isolated TO-220
Note Pb-free (This product does not contain Pb in
External electrode.)
(Isolated TO-220)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com