Electronic Components Datasheet Search
  English  ▼

X  

K3115B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # K3115B
Description  MOS FIELD EFFECT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K3115B Datasheet(HTML) 4 Page - Renesas Technology Corp

  K3115B Datasheet HTML 1Page - Renesas Technology Corp K3115B Datasheet HTML 2Page - Renesas Technology Corp K3115B Datasheet HTML 3Page - Renesas Technology Corp K3115B Datasheet HTML 4Page - Renesas Technology Corp K3115B Datasheet HTML 5Page - Renesas Technology Corp K3115B Datasheet HTML 6Page - Renesas Technology Corp K3115B Datasheet HTML 7Page - Renesas Technology Corp K3115B Datasheet HTML 8Page - Renesas Technology Corp K3115B Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet D18065EJ2V0DS
2
2SK3115B
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristics
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
100
μA
Gate Leakage Current
IGSS
VGS = ±30 V, VDS = 0 V
±100
nA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
2.5
3.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 3.0 A
2.0
2.7
S
Drain to Source On-state Resistance
Note
RDS(on)
VGS = 10 V, ID = 3.0 A
0.9
1.2
Ω
Input Capacitance
Ciss
VDS = 10 V
1090
pF
Output Capacitance
Coss
VGS = 0 V
380
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
53
pF
Turn-on Delay Time
td(on)
VDD = 150 V, ID = 3.0 A
16
ns
Rise Time
tr
VGS = 10 V
11
ns
Turn-off Delay Time
td(off)
RG = 10
Ω
29
ns
Fall Time
tf
RL = 50
Ω
8
ns
Total Gate Charge
QG
VDD = 450 V
21
nC
Gate to Source Charge
QGS
VGS = 10 V
8
nC
Gate to Drain Charge
QGD
ID = 6.0 A
8
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 6.0 A, VGS = 0 V
0.9
V
Reverse Recovery Time
trr
IF = 6.0 A, VGS = 0 V
360
ns
Reverse Recovery Charge
Qrr
di/dt = 50 A/
μs
1730
nC
Note Pulsed
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
→ 0 V
PG.
RG = 25
Ω
50
Ω
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
Ω
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 μs
Duty Cycle
≤ 1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com