Electronic Components Datasheet Search
  English  ▼

X  

K3115B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # K3115B
Description  MOS FIELD EFFECT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K3115B Datasheet(HTML) 8 Page - Renesas Technology Corp

  K3115B Datasheet HTML 1Page - Renesas Technology Corp K3115B Datasheet HTML 2Page - Renesas Technology Corp K3115B Datasheet HTML 3Page - Renesas Technology Corp K3115B Datasheet HTML 4Page - Renesas Technology Corp K3115B Datasheet HTML 5Page - Renesas Technology Corp K3115B Datasheet HTML 6Page - Renesas Technology Corp K3115B Datasheet HTML 7Page - Renesas Technology Corp K3115B Datasheet HTML 8Page - Renesas Technology Corp K3115B Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet D18065EJ2V0DS
6
2SK3115B
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
100
μ
1 m
10 m
100
1.0
10
0.1
10
μ
RG = 25
Ω
VDD = 150 V
VGS = 20
→ 0 V
Starting Tch = 25˚C
IAS = 6.0 A
EAS = 24 mJ
L - Inductive Load - H
75
150
125
120
100
80
60
40
20
0
50
100
25
VDD = 150 V
RG = 25
Ω
VGS = 20
→ 0 V
IAS
≤ 6.0 A
Starting Tch - Starting Channel Temperature - °C
PACKAGE DRAWING (Unit: mm)
EQUIVALENT CIRCUIT
Isolated TO-220 (MP-45F)
1. Gate
2. Drain
3. Source
10.0±0.3
3.2±0.2
2.54±0.2
0.8±0.2
2.54 TYP.
2.54 TYP.
1.47 MAX
12 3
4.7±0.2
2.76±0.2
0.50±0.1
Body
Diode
Source (S)
Drain (D)
Gate (G)
Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide and ultimately degrade
the device operation. Steps must be taken to stop generation of static electricity as much as possible, and quickly
dissipate it once, when it has occurred.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com