Electronic Components Datasheet Search
  English  ▼

X  

K3115B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # K3115B
Description  MOS FIELD EFFECT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

K3115B Datasheet(HTML) 7 Page - Renesas Technology Corp

  K3115B Datasheet HTML 1Page - Renesas Technology Corp K3115B Datasheet HTML 2Page - Renesas Technology Corp K3115B Datasheet HTML 3Page - Renesas Technology Corp K3115B Datasheet HTML 4Page - Renesas Technology Corp K3115B Datasheet HTML 5Page - Renesas Technology Corp K3115B Datasheet HTML 6Page - Renesas Technology Corp K3115B Datasheet HTML 7Page - Renesas Technology Corp K3115B Datasheet HTML 8Page - Renesas Technology Corp K3115B Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet D18065EJ2V0DS
5
2SK3115B
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0
1
2
3
-50
0
50
100
150
ID = 6.0 A
3.0 A
VGS = 10 V
Pulsed
Tch - Channel Temperature - °C
0.01
0.1
1
10
100
00.5
11.5
Pulsed
VGS = 10 V
0 V
VF(S-D) – Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
SWITCHING CHARACTERISTICS
1
10
100
1000
10000
0.01
0.1
1
10
100
VGS = 0 V
f = 1 MHz
C iss
C oss
C rss
VDS - Drain to Source Voltage – V
1
10
100
1000
0.1
1
10
tr
td(off)
td(on)
tf
VDD = 150 V
VGS = 10 V
RG = 10
Ω
ID - Drain Current - A
REVWESE RECOVERY TIME vs.
DRAIN CURRENT
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
10
100
1000
0.1
1
10
di/dt = 50 A/
μs
VGS = 0 V
ID - Drain Current - A
0
100
200
300
400
500
600
700
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
1
VDD = 450 V
300 V
150 V
ID = 6.0 A
VDS
VGS
QG – Gate Chage - nC
<R>



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com