Electronic Components Datasheet Search
  English  ▼

X  

TH7110 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TH7110
Description  315/433MHz FSK/FM/ASK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7110 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TH7110 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TH7110
315/433MHz
FSK/FM/ASK Receiver
TH7110 Data Sheet
Page 2 of 20
Nov. 2001
3901007110
Rev. 005
General Description
The TH7110 receiver IC consists of the following building blocks:
"
PLL synthesizer (PLL SYNTH) for generation of the first and second local oscillator signals LO1 and LO2
"
Parts of the PLL SYNTH are the high-frequency VCO1, the feedback dividers DIV_8 and DIV_2,
a phase-frequency detector (PFD) with charge pump (CP) and a crystal-based reference oscillator (RO)
"
Low-noise amplifier (LNA) for high-sensitivity RF signal reception
"
First mixer (MIX1) for down-conversion of the RF signal to the first IF (IF1)
"
second mixer (MIX2) for down-conversion of the IF1 to the second IF (IF2)
"
IF amplifier (IFA) to amplify and limit the IF2 signal and for RSSI generation
"
Phase coincidence demodulator (DEMOD) with third mixer (MIX3) to demodulate the IF signal
"
Operational amplifier (OA) for data slicing, filtering, ASK detection and automatic-frequency control (AFC)
"
Bias circuitry for bandgap biasing and circuit shutdown
With the TH7110 receiver chip, various circuit configurations can be arranged in order to meet a number of
different customer requirements. For FM/FSK reception the IF tank used in the phase coincidence demodu-
lator can be constituted either by a ceramic resonator or an LC tank (optionally with varactor to create an AFC
circuit). In PLL demodulator configuration, the multiplier MIX3 forms a phase comparator. In ASK configurati-
on, the RSSI signal is feed to an ASK detector, which is constituted by the operational amplifier. The second
VCO (VCO2) can be used either as the VCO of a PLL demodulator or as the LO2 source of a second exter-
nal PLL in a multi-channel system. The following table briefly summarizes the various configurations.
Single-conversion configuration
Double-conversion configuration
FM/FSK
narrow-band RX with ceramic demodulation
tank
narrow-band RX with ceramic demodulation
tank
FM/FSK
wide-band RX with LC demod. tank and AFC
wide-band RX with LC demod. tank and AFC
FM/FSK
extended sensitivity RX with PLL demodulator
extended sensitivity RX with PLL demodulator
FM/FSK
multi-channel RX with ceramic demodulation
tank and external channel synthesizer
ASK
RX with RSSI-based demodulation
RX with RSSI-based demodulation
ASK
RX with RSSI-based demodulation and exter-
nal channel synthesizer
The preferred superheterodyne configuration is double conversion where MIX1 and MIX2 are driven by the
internal local oscillator signals LO1 and LO2, respectively. This allows a high degree of image rejection,
achieved in conjunction with an RF front-end filter. Efficient RF front-end filtering is realized by using a SAW,
ceramic or helix filter in front of the LNA and by adding a LC filter at the LNA output.
It is also possible to use the TH7110 in single-conversion configuration. This can be achieved by switching
the LO2 input of MIX2 from the on-chip PLL synthesizer to the pin IN_MIX2 by means of an internal switch
(done via pin SW_MIX2). Now MIX2 operates as an amplifier for the IF1 signal if an external pull-down re-
sistor at pin IN_MIX2 is added.
The same setting of MIX2 can be used for multi-channel applications. In this situation IN_MIX2 must be
driven by an external LO2 signal. This signal can be generated by the VCO2, which is mainly a bipolar tran-
sistor that can be configured as a varactor-tuned VCO. Furthermore, a second external PLL for channel
selection via LO2 tuning is required. This may be arranged by using a PLL synthesizer chip that can be con-
trolled through a 3-wire bus serial interface. The reference signal for the external PLL synthesizer can be
directly taken from the crystal-based reference oscillator RO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com