Electronic Components Datasheet Search
  English  ▼

X  

TH7110 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TH7110
Description  315/433MHz FSK/FM/ASK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7110 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TH7110 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TH7110
315/433MHz
FSK/FM/ASK Receiver
TH7110 Data Sheet
Page 7 of 20
Nov. 2001
3901007110
Rev. 005
Pin No.
Name
I/O Type
Functional Schematic
Description
22
IN_MIX2
analog
input
IN_MIX2
22
840
Ω
20µA
840
Ω
external LO2 input port of
MIX2, approx. 1k
Ω single-
ended
24
VCO2_B
analog
input
VCO2 input, base of
a bipolar transistor
23
VCO2_E
analog
output
47k
VCO2_B
VCO2_E
24
VEE
VCC
VCC
23
VEE
VCC
VCO2 output, emitter of
a bipolar transistor
25
VCC_BIAS
supply
positive supply of general
bias system and OA
26
OUT_OA
analog
output
OUT_OA
26
50
Ω
OA output, 40uA current
drive capability
27
OAN
analog
input
negative OA input, input
voltage limited to approx.
0.7 Vpp between pins OAP
and OAN
28
OAP
analog
input
20µA
27
OAN
50
Ω
28
OAP
50
Ω
positive OA input, input
voltage limited to approx.
0.7 Vpp between pins OAP
and OAN
29
RSSI
analog
output
I (Pi)
RSSI
29
50
Ω
36k
RSSI output, for RSSI and
ASK detection, approx.
36k
Ω output impedance
30
VEE_BIAS
ground
ground for general bias
system and OA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com