Electronic Components Datasheet Search
  English  ▼

X  

TH7110 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TH7110
Description  315/433MHz FSK/FM/ASK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7110 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TH7110 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TH7110
315/433MHz
FSK/FM/ASK Receiver
TH7110 Data Sheet
Page 1 of 20
Nov. 2001
3901007110
Rev. 005
Features
! Double superhet architecture for high degree of image rejection
! FSK for digital data and FM reception for analog signal transmission
! FM/FSK demodulation either with phase-coincidence or PLL demodulator
! Low current consumption in active mode and very low standby current
! Switchable LNA gain for improved dynamic range
! AFC feature allows wide carrier frequency acceptance range
! RSSI allows signal strength indication and ASK detection
! Surface mount package LQFP44
Ordering Information
Part No.
Temperature Range
Package
TH7110
-40 °C to 85 °C
LQFP44
Application Examples
! General digital and analog 315 MHz or 433 MHz ISM band usage
! Low-power telemetry
! Alarm and security systems
! Keyless car and central locking
! Pagers
Technical Data Overview
! Input frequency range: 300 MHz to 450 MHz
! Power supply range: 2.5 V to 5.5 V for double conversion and 2.7 V to 5.5 V for single conversion
! Temperature range: -40 °C to +85 °C
! Operating current: 6.5 mA at low gain and 8.2 mA at high gain mode
! Standby current: < 100 nA
! Sensitivity: -111 dBm
1)
with 40 kHz second IF filter BW (incl. SAW front-end filter loss)
! Sensitivity: -104 dBm
2) with 150 kHz second IF filter BW (incl. SAW front-end filter loss)
! Range of first IF: 10 MHz to 80 MHz
! Range of second IF: 455 kHz to 21.4 MHz
! Maximum input level: –10 dBm at ASK and 0 dBm at FSK
! Image rejection: > 65 dB (e.g. with SAW front-end filter and at 10.7 MHz 2
nd IF)
! Spurious emission: < -70 dBm
! Input frequency acceptance:
±50 kHz (with AFC option)
! RSSI range: 70 dB
! Frequency deviation range:
±5 kHz to ±120 kHz
! Maximum data rate: 80 kbit/s NRZ
! Maximum analog modulation frequency: 15 kHz
1) at
± 8 kHz FSK deviation, BER = 3⋅10-3 and phase-coincidence demodulation
2) at
± 50 kHz FSK deviation, BER = 3⋅10-3 and phase-coincidence demodulation


Similar Part No. - TH7110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
TH71101 MELEXIS-TH71101 Datasheet
389Kb / 20P
FSK/ASK Receiver
TH71101 MELEXIS-TH71101 Datasheet
1Mb / 20P
315/433MHz FSK/ASK Receiver
TH71101ENE MELEXIS-TH71101ENE Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
More results

Similar Description - TH7110

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
UHF ASK/FSK/FM Receiver
2003
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
FSK/FM/ASK Receiver
TH71102 ETC-TH71102 Datasheet
666Kb / 20P
FSK/FM/ASK Receiver
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
FSK /FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
315/433MHz FSK/FM/ASK Receiver
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
315/433MHz FSK/FM/ASK Receiver
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
FSK/FM/ASK Receiver
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH71101 MELEXIS-TH71101_17 Datasheet
1Mb / 20P
315/433MHz FSK/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com