Electronic Components Datasheet Search
  English  ▼

X  

TH7110 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TH7110
Description  315/433MHz FSK/FM/ASK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7110 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TH7110 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7110 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TH7110
315/433MHz
FSK/FM/ASK Receiver
TH7110 Data Sheet
Page 6 of 20
Nov. 2001
3901007110
Rev. 005
Pin No.
Name
I/O Type
Functional Schematic
Description
11
VCC_MIX1
supply
MIX1 positive supply
12
VCC_MIX2
supply
MIX2 positive supply
13
OUT_MIX2
analog
output
130
Ω
6.8k
OUT_MIX2
13
230µA
MIX2 output, approx. 330
Ω
output impedance
14
VEE_IF
ground
ground of MIX2, IFA and
DEMOD
15
IN_IFA
analog
input
IFA input, approx. 2.2k
Ω
input impedance
16
FBC1
analog I/O
to be connected to external
IFA feedback capacitor
17
FBC2
analog I/O
2.2k
2.2k
200µA
IN_IFA
15
VEE
VEE
VCC
VEE
VCC
16
FBC1
FBC2
17
VEE
VCC
to be connected to external
IFA feedback capacitor
18
VCC_IF
supply
positive supply for IFA,
DEMOD and VCO2
19
OUT_IFA
analog I/O
OUT_IFA
19
40µA
IFA output and MIX3 input
(of DEMOD)
20
IN_DEM
analog
input
IN_DEM
20
47k
DEMOD input, to MIX3 core
21
SW_MIX2
digital
input
SW_MIX2
21
400
Ω
input selection for LO2 input
port of MIX2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com