Electronic Components Datasheet Search
  English  ▼

X  

851021 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 851021
Description  1-to-21, Differential HCSL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

851021 Datasheet(HTML) 4 Page - Renesas Technology Corp

  851021 Datasheet HTML 1Page - Renesas Technology Corp 851021 Datasheet HTML 2Page - Renesas Technology Corp 851021 Datasheet HTML 3Page - Renesas Technology Corp 851021 Datasheet HTML 4Page - Renesas Technology Corp 851021 Datasheet HTML 5Page - Renesas Technology Corp 851021 Datasheet HTML 6Page - Renesas Technology Corp 851021 Datasheet HTML 7Page - Renesas Technology Corp 851021 Datasheet HTML 8Page - Renesas Technology Corp 851021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
1-TO-21, DIFFERENTIAL HCSL FANOUT BUFFER
4
REVISION C 11/03/15
851021 DATA SHEET
AC Electrical Characteristics
Table 3. HCSL AC Characteristics, VDD = 3.3V±5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: Current adjust set for VOH = 0.7V. Measurements refer to PCIEX outputs only.
NOTE: Characterized using an RREF value of 950 resistor.
NOTE 1: Measured from the differential input cross point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the differential output
cross point.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and
with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross point.
NOTE 5: Output Drift is measured as the change in the time placement of the differential cross point for each output on a given device due to
a change in temperature and supply voltage. Measured at the differential cross point.
NOTE 6: Measurement using RREF = 950, RLOAD = 50..
NOTE 7: Measurement taken from single-ended waveform.
NOTE 8: Measured at crossing point where the instantaneous voltage value of the rising edge of Qx equals the falling edge of nQx.
See Parameter Measurement Information Section.
NOTE 9: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement. See Parameter Measurement Information Section.
NOTE 10: Defined as the total variation of all crossing voltage of rising Qx and falling nQx. This is the maximum allowed variance in the
VCROSS for any particular system. See Parameter Measurement Information Section.
NOTE 11: Measurement taken from differential waveform.
NOTE 12: Measurement from -150mV to +150mV on the differential waveform (derived from Qx minus nQx). The signal must be monotonic
through the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.
NOTE 13: Matching applies to rising edge rate for Qx and falling edge rate for nQx. It is measured using a ±75mV window centered on the
median cross point where Qx rising meets nQx falling.
NOTE 14: Assuming 50% input duty cycle. Data taken at ƒ
 200MHz, unless otherwise specified.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tPD
Propagation Delay, NOTE 1
Measured on at VOX
1.5
2.75
ns
tsk(o)
Output Skew; NOTE 2, 3
Measured on at VOX
395
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
335
ps
tjit
Buffer Additive Phase Jitter, RMS; refer
to Additive Phase Jitter Section
CLK = 200MHz, Integration
Range: 12kHz – 30MHz
0.20
ps
tsk(drift)
Output Drift; NOTE 5
140
ps
VMAX
Absolute Max Output Voltage; NOTE 6
ƒ
 150MHz
500
850
mV
VMIN
Absolute Min Output Voltage; NOTE 6
ƒ
 150MHz
-150
150
mV
VCROSS
Absolute Crossing Voltage;
NOTE 7, 8, 9
250
550
mV
V
CROSS
Total Variation of VCROSS over all
edges; NOTE 7, 8, 10
140
mV
Rise/Fall Edge Rate; NOTE 11, 12
0.6
4.0
V/ns
Rise/Fall Time Matching; NOTE 13
20
%
odc
Output Duty Cycle; NOTE 14
47
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com