Electronic Components Datasheet Search
  English  ▼

X  

851021 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 851021
Description  1-to-21, Differential HCSL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

851021 Datasheet(HTML) 1 Page - Renesas Technology Corp

  851021 Datasheet HTML 1Page - Renesas Technology Corp 851021 Datasheet HTML 2Page - Renesas Technology Corp 851021 Datasheet HTML 3Page - Renesas Technology Corp 851021 Datasheet HTML 4Page - Renesas Technology Corp 851021 Datasheet HTML 5Page - Renesas Technology Corp 851021 Datasheet HTML 6Page - Renesas Technology Corp 851021 Datasheet HTML 7Page - Renesas Technology Corp 851021 Datasheet HTML 8Page - Renesas Technology Corp 851021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
1-to-21, Differential HCSL Fanout Buffer
851021
851021 REVISION C 11/03/15
1
©2015 Integrated Device Technology, Inc.
General Description
The 851021 is a 1-to-21 Differential HCSL Fanout Buffer. The
851021 is designed to translate any differential signal levels to
differential HCSL output levels. An external reference resistor is
used to set the value of the current supplied to an external
load/termination resistor. The load resistor value is chosen to equal
the value of the characteristic line impedance of 50
. The 851021 is
characterized at an operating supply voltage of 3.3V.
The differential HCSL outputs, accurate crossover voltage and duty
cycle make the 851021 ideal for interfacing to PCI Express and
FBDIMM applications.
Features
• Twenty-one differential HCSL outputs
• Translates any differential input signal (LVPECL, LVHSTL, LVDS,
HCSL) to HCSL levels without external bias networks
• Maximum output frequency: 250MHz
• Output skew: 395ps (maximum)
• Part-to-part skew: 335ps (maximum)
• Output drift: 140ps (maximum)
• V
OH: 850mV (maximum)
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6) package
• 0°C to 70°C ambient operating temperature
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
Q10
nQ10
Q20
nQ20
Q19
nQ19
Q18
nQ18
Q17
nQ17
Q16
nQ16
Q15
nQ15
Q14
nQ14
Q13
nQ13
Q12
nQ12
Q11
nQ11
CLK
nCLK
IREF
Q3
nQ3
VDD
nQ4
GND
Q5
nQ5
Q4
nQ8
Q6
VDD
nQ6
Q7
nQ7
VDD
Q8
VDD
nQ17
Q17
Q18
GND
nQ18
nQ16
Q16
Q13
VDD
nQ15
Q15
nQ14
Q14
VDD
nQ13
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Pin Assignment
Block Diagram
ICS851021
64-Lead TQFP, E-Pad
10mm x 10mm x 1.0mm package body
Y Package
Top View


Similar Part No. - 851021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85102 IDT-85102 Datasheet
244Kb / 17P
Low Skew, 1-to-2, Differential/LVCMOS HCSL Fanout Buffer
logo
Belden Inc.
85102 BELDEN-85102 Datasheet
248Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, ETFE Jkt
logo
Huber+Suhner, Inc.
85102020 HUBERSUHNER-85102020 Datasheet
670Kb / 4P
MLUH 3x3, 6mm2, SM, Q-ODC-2 to LC
85102021 HUBERSUHNER-85102021 Datasheet
670Kb / 4P
MLUH 3x3, 6mm2, SM, Q-ODC-2 to LC
85102022 HUBERSUHNER-85102022 Datasheet
670Kb / 4P
MLUH 3x3, 6mm2, SM, Q-ODC-2 to LC
More results

Similar Description - 851021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
1-to-12, Differential HCSL Fanout Buffer
10/21/15
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
851010 RENESAS-851010 Datasheet
303Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com