Electronic Components Datasheet Search
  English  ▼

X  

851021 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 851021
Description  1-to-21, Differential HCSL Fanout Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

851021 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 851021 Datasheet HTML 11Page - Renesas Technology Corp 851021 Datasheet HTML 12Page - Renesas Technology Corp 851021 Datasheet HTML 13Page - Renesas Technology Corp 851021 Datasheet HTML 14Page - Renesas Technology Corp 851021 Datasheet HTML 15Page - Renesas Technology Corp 851021 Datasheet HTML 16Page - Renesas Technology Corp 851021 Datasheet HTML 17Page - Renesas Technology Corp 851021 Datasheet HTML 18Page - Renesas Technology Corp 851021 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
REVISION C 11/03/15
17
1-TO-21, DIFFERENTIAL HCSL FANOUT BUFFER
851021 DATA SHEET
Revision History Sheet
Rev
Table
Page
Description of Change
Date
BT1
1
2
12
Pin Assignment, corrected pin 25 from VDDA to VDD.
Pin Description Table - deleted VDDA (pin #25) row, and added pin #25 to VDD row.
Power Considerations - corrected total power calculation and Tj calculation.
5/25/08
B
T3
T6
4
8
9
15
AC Characteristics Table - added Thermal note.
Updated Wiring the Differential Input to Accept Single Ended Levels.
Updated Differential Clock Input Interface.
Package Dimensions - corrected D3 & E3 dimensions.
Updated datasheet's Head/Footer.
3/3/10
B
T1
T2B
T3
2
2
3
4
6
8
12 -13
15
Pin Description Table, IREF description corrected 475ohm resistor to 950ohm.
Corrected Output Driver Current and diagram.
Differential DC Characteristics Table - updated notes.
Added note, “Characterized using....”.
Added Propagation Delay diagram and corrected HCSL Output Load AC Test Circuit
diagram in Parameter Measurement Information section.
Updated Wiring the Differential Input to Accept Single-ended Levels.
Corrected power dissipation calculation and total power dissipation section. Corrected
HCSL Driver Circuit Termination diagram.
Updated Package Outline.
Converted datasheet format.
8/24/10
C
T7
8
8
10
16
Updated header/footer throughout the datasheet.
Deleted IDT prefix from part number.
Application Information:
updated Wiring the Differential Input to Accept Single-ended Levels,
updated Recommend Termination
Ordering Information Table - deleted: leaded part rows and table note.
11/03/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com