Electronic Components Datasheet Search
  English  ▼

X  

873996 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 873996
Description  Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

873996 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 873996 Datasheet HTML 7Page - Renesas Technology Corp 873996 Datasheet HTML 8Page - Renesas Technology Corp 873996 Datasheet HTML 9Page - Renesas Technology Corp 873996 Datasheet HTML 10Page - Renesas Technology Corp 873996 Datasheet HTML 11Page - Renesas Technology Corp 873996 Datasheet HTML 12Page - Renesas Technology Corp 873996 Datasheet HTML 13Page - Renesas Technology Corp 873996 Datasheet HTML 14Page - Renesas Technology Corp 873996 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
REVISION A 11/10/15
873996 DATA SHEET
11
DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY/MULTIPLIER/DIVIDER
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
CC
/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input clock
swing is only 2.5V and V
CC
= 3.3V, V_REF should be 1.25V and R2/
R1 = 0.609.
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. To achieve optimum jitter
performance, power supply isolation is required. The 873996
provides separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC
, V
CCA
and V
CCOx
should be individually connected to the power supply plane
through vias, and 0.01µF bypass capacitors should be used
for each pin. Figure 1 illustrates this for a generic V
CC
pin and
also shows that V
CCA
requires that an additional 10
Ω resistor
along with a 10µF bypass capacitor be connected to the V
CCA
pin.
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
POWER SUPPLY FILTERING TECHNIQUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com