Electronic Components Datasheet Search
  English  ▼

X  

873996 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 873996
Description  Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

873996 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 873996 Datasheet HTML 9Page - Renesas Technology Corp 873996 Datasheet HTML 10Page - Renesas Technology Corp 873996 Datasheet HTML 11Page - Renesas Technology Corp 873996 Datasheet HTML 12Page - Renesas Technology Corp 873996 Datasheet HTML 13Page - Renesas Technology Corp 873996 Datasheet HTML 14Page - Renesas Technology Corp 873996 Datasheet HTML 15Page - Renesas Technology Corp 873996 Datasheet HTML 16Page - Renesas Technology Corp 873996 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
REVISION A 11/10/15
873996 DATA SHEET
13
DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY/MULTIPLIER/DIVIDER
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are recom-
mended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that generate
ECL/LVPECL compatible outputs. Therefore, terminating resistors
(DC current path to ground) or current sources must be used for
functionality. These outputs are designed to drive 50
Ω transmission
lines. Matched impedance techniques should be used to maximize
FIGURE 4B. LVPECL OUTPUT TERMINATION
FIGURE 4A. LVPECL OUTPUT TERMINATION
operating frequency and minimize signal distortion. Figures 4A
and 4B show two different layouts which are recommended only
as guidelines. Other suitable clock layouts may exist and it would
be recommended that the board designers simulate to guarantee
compatibility across all printed circuit and clock component process
variations.
TERMINATION FOR LVPECL OUTPUTS
INPUTS:
CLK/nCLK INPUTS
For applications not requiring the use of the differential input, both
CLK and nCLK can be left floating. Though not required, but for
additional protection, a 1k
Ω resistor can be tied from CLK to ground.
LVCMOS CONTROL PINS
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional protection.
A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVPECL OUTPUTS
All unused LVPECL outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com