Electronic Components Datasheet Search
  English  ▼

X  

873996 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 873996
Description  Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

873996 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 873996 Datasheet HTML 11Page - Renesas Technology Corp 873996 Datasheet HTML 12Page - Renesas Technology Corp 873996 Datasheet HTML 13Page - Renesas Technology Corp 873996 Datasheet HTML 14Page - Renesas Technology Corp 873996 Datasheet HTML 15Page - Renesas Technology Corp 873996 Datasheet HTML 16Page - Renesas Technology Corp 873996 Datasheet HTML 17Page - Renesas Technology Corp 873996 Datasheet HTML 18Page - Renesas Technology Corp 873996 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
REVISION A 11/10/15
873996 DATA SHEET
15
DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY/MULTIPLIER/DIVIDER
θ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
31.8°C/W
25.8°C/W
24.2°C/W
TABLE 6. THERMAL RESISTANCE
θ
JA
FOR
48-PIN TQFP, E-PAD FORCED CONVECTION
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 873996.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 873996 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
CC
= 3.3V + 5% = 3.465V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
• Power (core)
MAX
= V
CC_MAX
* I
EE_MAX
= 3.465V * 300mA = 1039.5mW
• Power (outputs)
MAX
= 30mW/Loaded Output pair
If all outputs are loaded, the total power is 6 * 30mW = 180mW
Total Power
_MAX
(3.465V, with all outputs switching) = 1039.5mW + 180mW = 1219.56mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJAmust be used. Assuming a
moderate air flow of 1 meter per second and a multi-layer board, the appropriate value is 25.8°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 1.220W * 25.8°C/W = 101.5°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the
type of board (single layer or multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com