Electronic Components Datasheet Search
  English  ▼

X  

STEF512SRI Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 3Page - STMicroelectronics STEF512SRI Datasheet HTML 4Page - STMicroelectronics STEF512SRI Datasheet HTML 5Page - STMicroelectronics STEF512SRI Datasheet HTML 6Page - STMicroelectronics STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Common features
VIL
Low level input voltage, EN
pin
eFuse outputs enabled
0.7
V
VIH
High level input voltage, EN
pin
eFuse outputs disabled
1.7
V
REN
Pull-down resistor on EN
pin
Connected to GND
3.3
MΩ
IEN
EN pin consumption
VEN = 5 V
1.5
µA
VIL_IMSL
IMON_SEL low level input
voltage
IMON_5/12 pin outputs IMON_5
0.4
V
VIH_IMSL
IMON_SEL high level input
voltage
IMON_5/12 pin outputs IMON_12
1.2
V
VIMSL
IMON_SEL pin pull-up voltage
1.8
V
IIMSL
IMON_SEL pin pull-up current
generator
IMON_SEL pin to GND
5
µA
VIL_SATAIG
SATA ignore low level input
voltage
SAS pin signal ignored
0.4
V
VIH_SATAIG
SATA ignore high level input
voltage
SAS pin signal active
1.2
V
VSATAIG
SATA ignore pin pull-up
voltage
1.8
V
ISATAIG
SAS ignore pin pull-up
current generator
SATAIG pin to GND
5
µA
TDELAY
Delay time (2)
From EN set to low state to soft-
start ramp beginning
500
µs
Iq
Quiescent current (GND)
Device operating, no load
400
600
µA
Off-state, VEN = 5 V
150
µA
Thermal protection
TSD (2)
Shutdown temperature
165
°C
Hysteresis
30
1. Values across temperature range are guaranteed by design/correlation and tested in production only at ambient
temperature.
2. Guaranteed by design, but not tested in production.
STEF512SRI
Electrical characteristics
DS14138 - Rev 1
page 7/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com