Electronic Components Datasheet Search
  English  ▼

X  

STEF512SRI Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 5Page - STMicroelectronics STEF512SRI Datasheet HTML 6Page - STMicroelectronics STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics STEF512SRI Datasheet HTML 12Page - STMicroelectronics STEF512SRI Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Figure 5. Typical startup sequence (EN toggled during input voltage rise)
5V UVLO
12V UVLO
100µs
_
_
_
_
EN
SATAI
G
VIN Rails
VOUT_Rails
VIN_5
VIN_12
VOUT_12
VOUT_5
Soft-start
6.3
Enable pin and SATA ignore function
The device provides an SAS-compliant chip disable pin (EN). This pin is internally pulled down to GND via a 3.3
MΩ resistor. If the pin is left floating, the device outputs are turned on. Apply an external signal above VIH to turn
the device off.
Additionally, a SATA ignore logic can be activated via the SATAIG pin.
This function allows to configure the device for working on either SAS or SATA interfaces by propagating or
ignoring the connector’s SAS_DISABLE signal, usually connected to the EN pin.
We recommend driving the SATAIG pin via an open drain.
Internal pullup of the SATAIG pin is activated when at least one of the two input voltages has reached an internal
threshold of around 3 V.
With reference to Figure 6 and Table 7, when SATAIG is left floating at startup, the SAS_DISABLE signal present
on the EN pin is propagated to the eFuse and the internal SATA_ig latched signal is latched.
This means that the EN pin controls device startup and shutdown and any successive SATAIG toggling is ignored.
If SATAIG is connected to GND before power-up, the SAS_DISABLE signal is ignored, so as soon as the input
voltage of both channels is higher than the UVLO thresholds, the device is turned on, regardless of the EN pin
status.
Figure 6. SATA ignore function simplified diagram
S
R
Q
SATA Ig Latched
SAS Disable
SATA Ignore
5V/12V
UVLO
Table 7. Enable/SATAIG pins truth table
EN
SATAIG
Device status
H
floating
Off
L or floating
floating
On
H
L
On
L or floating
L
On
The SATA_IG internal signal latch can be cleared only in case of a 5 V or 12 V UVLO event and it does not
change by toggling the SAS-disable signal (EN).
According to the above table and the internal pull-up configuration, if both EN and SATAIG pins are left floating,
the device is in ON status.
A typical startup sequence in this configuration is shown Figure 7.
STEF512SRI
Enable pin and SATA ignore function
DS14138 - Rev 1
page 9/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com