Electronic Components Datasheet Search
  English  ▼

X  

STEF512SRI Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 4Page - STMicroelectronics STEF512SRI Datasheet HTML 5Page - STMicroelectronics STEF512SRI Datasheet HTML 6Page - STMicroelectronics STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics STEF512SRI Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6
Device functional description
The STEF512SRI embeds a 5 V and a 12 V electronic fuses (eFuses). Each eFuse can limit the voltage or the
current during fault events, such as input overvoltage or output overload, respectively. For this purpose, it contains
2 hysteretic control loops, one for limiting the output voltage and the other for limiting the input current.
The current limiting loop is also used during the startup phase of the eFuse to limit the in-rush current into the
output capacitor.
During normal operation the eFuse behaves as a low-resistance Power FET, therefore the output voltage follows
the input one. In case of an overvoltage or overcurrent event, the eFuse limits the VGS of the internal FET, to
clamp the output voltage or current respectively. During such events the die temperature increases due to the
power dissipation and so, if the fault persists and the overtemperature threshold is overcome, the device goes into
thermal shutdown, the internal FET is turned off and the load disconnected from the power supply.
Each eFuse provides factory-trimmed undervoltage lockout and output voltage rise time.
The power stage of the 5 V channel consists of 2 MOSFETS connected in a back-to-back configuration. This
configuration is used to perform the reverse current blocking feature in case of input power loss.
The current flowing into each eFuse is continuously sensed through a dedicated copy-MOS and feed to the
current monitor circuit. The current monitor signal generated by this circuit is provided on a single IMON pin, which
outputs either the 5 V or the 12 V channel depending on the logic status of the IMON selection pin (IMON_SEL).
6.1
Undervoltage lockout
The undervoltage lockout circuit prevents each eFuse from turning on if the supply voltage is below the UVLO
rising threshold. During operation, if the input voltage of one channel falls below (VUVLO_x - VHyst_x), the outputs
of both channels are turned off simultaneously.
6.2
Startup sequence and voltage clamp
The typical startup sequence of the eFuse, when the SAS-ignore function is not used (SATAIG pin left floating), is
described below and shown in Figure 4 and Figure 5:
•
The power supply is connected to the VIN_x pins and both 5 V and 12 V input voltages are higher than the
relevant undervoltage lockout threshold.
•
The SATAIG pin is internally pulled up and latched once the internal regulator is active.
•
The SAS-disable pin (EN) is connected to GND or left floating by the user to enable the device.
•
After an initial delay of 500 µs the eFuse starts ramping up the 5 and 12 V output voltages with a fixed
slew-rate, to ensure a 13 ms (typ.) soft-start time and minimize the in-rush current.
•
During the startup phase, the foldback current limit is disabled and the current limit is set to the IHOLD_x
value.
•
If the input voltage continues rising, above the overvoltage threshold (VClamp_x), because of a failure in
the power supply, the eFuse limits the output voltage to VClamp_x. The eFuse keeps operating in this state
until the overtemperature threshold is reached and then it shuts down. The power MOSFET remains in an
off-state until the die temperature drops by the overtemperature hysteresis, then the device automatically
attempts to restart.
Figure 4. Typical startup sequence (EN toggled after VIN rise)
500µs
_
_
_
_
EN
SATAI
G
This transition of SATAIG pin is ignored because its
status is already latched (HIGH state)
VIN Rails
VOUT Rails
5V UVLO
12V UVLO
VIN_5
VIN_12
VOUT_12
VOUT_5
Soft-start
STEF512SRI
Device functional description
DS14138 - Rev 1
page 8/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com