Electronic Components Datasheet Search
  English  ▼

X  

STEF512SRI Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF512SRI
Description  Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512SRI Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF512SRI Datasheet HTML 6Page - STMicroelectronics STEF512SRI Datasheet HTML 7Page - STMicroelectronics STEF512SRI Datasheet HTML 8Page - STMicroelectronics STEF512SRI Datasheet HTML 9Page - STMicroelectronics STEF512SRI Datasheet HTML 10Page - STMicroelectronics STEF512SRI Datasheet HTML 11Page - STMicroelectronics STEF512SRI Datasheet HTML 12Page - STMicroelectronics STEF512SRI Datasheet HTML 13Page - STMicroelectronics STEF512SRI Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Figure 7. Startup sequence (SATAIG connected to GND at power-up)
100µs
SAS disable
signal is ignored
This transition of SATAIG pin
generates latched state
This transition of SATAIG pin is ignored
because its status is already latched (HIGH state)
_
_
_
_
EN
SATAI
G
VIN Rails
VOUT Rails
5V UVLO
12V UVLO
VIN_5
VIN_12
VOUT_12
VOUT_5
Soft-start
6.4
Current limit function after startup
Each eFuse provides 2 kinds of current limit protection mechanisms (see Figure 8):
•
Operative current limit (IHOLD_x) for both channels, active once the output voltage reaches the input
voltage.
•
Short-circuit current limit (ISHORT_x) is applied when the output voltage falls below the short-circuit detection
thresholds (2.5 V for the 5 V eFuse and 7.5 V for the 12 V eFuse).
Figure 8. Current limit function graphs
VOUT_5
5V
2.5V
ISHORT_5
IHOLD_5
IIN_5
VOUT_12
12V
7.5V
IIN_12
ISHORT_12
IHOLD_12
6.5
eFuse current monitor
Each channel is equipped with a current monitoring feature that allows the host processor to read the current
flowing through the fuse. To use only one ADC, the IMON_5/12 pin is able to manage both outputs current
information, thanks to a current monitoring selection pin ( IMON_SEL ).
If IMON_SEL is connected to GND, pin 7 outputs the IMON_5 signal. If it is left floating, pin 7 outputs the IMON_12
signal.
It is recommended to drive the IMON_SEL pin via an open-drain circuit.
The IMON_x signal is a current proportional to the relevant channel load current, by factor AI_x = IMON_x / IOUT_x.
This current is imposed on an external RMON_x, converting the sensing current into voltage for further processing
by the host system (see Figure 9).
STEF512SRI
Current limit function after startup
DS14138 - Rev 1
page 10/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com