Electronic Components Datasheet Search
  English  ▼

X  

STG5678 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG5678
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG5678 Datasheet HTML 3Page - STMicroelectronics STG5678 Datasheet HTML 4Page - STMicroelectronics STG5678 Datasheet HTML 5Page - STMicroelectronics STG5678 Datasheet HTML 6Page - STMicroelectronics STG5678 Datasheet HTML 7Page - STMicroelectronics STG5678 Datasheet HTML 8Page - STMicroelectronics STG5678 Datasheet HTML 9Page - STMicroelectronics STG5678 Datasheet HTML 10Page - STMicroelectronics STG5678 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
STG5678
Electrical characteristics
Doc ID 14580 Rev 3
7/23
4
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
VIH
High level
input voltage
1.65
−1.95
0.9
–
–
0.9
–
V
2.25
−2.7
0.9
–
–
0.9
–
3.0
−4.3
1.0
–
–
1.0
–
4.5
1.1
–
–
1.1
–
VIL
Low level
input voltage
1.65
−1.95
–
–
0.6
–
0.6
V
2.25
−2.7
–
–
0.6
–
0.6
3.0
−4.3
–
–
0.7
–
0.7
4.5
–
–
0.7
–
0.7
RON
Switch ON
resistance
1.8
VS = VCC
−5.5 V
to VCC;
IS = 100 mA
–3.80
4.60
–
7.0
Ω
2.7
–
0.77
0.90
–
1.2
3.0
–
0.64
0.80
–
1.0
3.6
–
0.51
0.65
–
1.0
ΔRON
ON
resistance
match
between
channels (1)
1.8
VS at RON max
IS = 100 mA
–
50
–
–
500
m
Ω
2.7
–
20
–
–
500
3.0
–
15
–
–
500
3.6
–
15
–
–
500
RFLAT
ON
resistance
flatness (2)
1.8
VS = VCC
−5.5 V
to VCC;
IS = 100 mA
–3.5
–
–
6.6
Ω
2.7
–
0.50
–
–
0.8
3.0
–
0.40
–
–
0.6
3.6
–
0.25
–
–
0.5
IOFF
Sn OFF
state
leakage
current
3.6
VS = -1.2 to
3.6 V
VD = 3.6 to
-1.2 V
–
-0.55
–
-2
1
µA
ION
Sn ON state
leakage
current
3.6
VS = -1.2 to
3.6 V
VD = open
–
-0.55
–
-2
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com