Electronic Components Datasheet Search
  English  ▼

X  

STG5678 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG5678
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG5678 Datasheet HTML 4Page - STMicroelectronics STG5678 Datasheet HTML 5Page - STMicroelectronics STG5678 Datasheet HTML 6Page - STMicroelectronics STG5678 Datasheet HTML 7Page - STMicroelectronics STG5678 Datasheet HTML 8Page - STMicroelectronics STG5678 Datasheet HTML 9Page - STMicroelectronics STG5678 Datasheet HTML 10Page - STMicroelectronics STG5678 Datasheet HTML 11Page - STMicroelectronics STG5678 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STG5678
8/23
Doc ID 14580 Rev 3
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
ID
D ON state
leakage
current
3.6
VS = open
VD = -1.2 V to
3.6 V
–0.55
–
-2
1
µA
IIH,IIL
SEL leakage
current
3.6
VSEL=3.6 V or
GND
-0.1
0.1
-1
1
µA
ICCLV
Quiescent
supply
current low
voltage
driving
3.6
V1SEL, V2SEL =
1.80 V
–
7
–
–
10
µA
ICC
Quiescent
supply
current(3)
2.5
V1SEL= V2SEL =
VCC
–5.6
–
–
10
µA
3.6
–
8
–
–
16
1.65
−4.5
V1SEL= V2SEL =
GND
–0.05
–
–
0.1
1.
Note 1:
ΔRON = RON(max) - RON (min)
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
3.
When V1SEL and V2SEL is both low, the ICC consumption will reduce to less than 0.1 µA (max)
Table 6.
DC specifications (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com