Electronic Components Datasheet Search
  English  ▼

X  

STG5678 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG5678
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678 Datasheet(HTML) 3 Page - STMicroelectronics

  STG5678 Datasheet HTML 1Page - STMicroelectronics STG5678 Datasheet HTML 2Page - STMicroelectronics STG5678 Datasheet HTML 3Page - STMicroelectronics STG5678 Datasheet HTML 4Page - STMicroelectronics STG5678 Datasheet HTML 5Page - STMicroelectronics STG5678 Datasheet HTML 6Page - STMicroelectronics STG5678 Datasheet HTML 7Page - STMicroelectronics STG5678 Datasheet HTML 8Page - STMicroelectronics STG5678 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STG5678
Pin settings
Doc ID 14580 Rev 3
3/23
1
Pin settings
1.1
Pin connection
Figure 1.
Pin connection (bump side view)
1.
Note 1: bump A1 is distinguished by a circular dot on the top-side. There is no circular dot on the bump-
side.
1.2
Pin description
A1
A2
B2
C2
C1
B1
D2
D1
A3
B3
C3
D3
A
B
C
D
1
2
3
1SEL
NC
GND
GND
D1
1S1
VCC
1S2
2SEL
2S1
D2
2S2
A
B
C
D
1
2
3
See note 1
Table 2.
Pin assignment
Pin number
Symbol
Name and function
A1
1SEL
Selection control for switch 1
A2
NC
No connection
A3
2SEL
Selection control for switch 2
B1
1S1
Independent channel for switch 1
B2
GND
Ground (0 V)
B3
2S1
Independent channel for switch 2
C1
D1
Common channel for switch 1
C2
GND
Ground (0 V)
C3
D2
Common channel for switch 2
D1
1S2
Independent channel for switch 1
D2
VCC
Positive supply voltage
D3
2S2
Independent channel for switch 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com