Electronic Components Datasheet Search
  English  ▼

X  

STG5678 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG5678
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG5678 Datasheet HTML 5Page - STMicroelectronics STG5678 Datasheet HTML 6Page - STMicroelectronics STG5678 Datasheet HTML 7Page - STMicroelectronics STG5678 Datasheet HTML 8Page - STMicroelectronics STG5678 Datasheet HTML 9Page - STMicroelectronics STG5678 Datasheet HTML 10Page - STMicroelectronics STG5678 Datasheet HTML 11Page - STMicroelectronics STG5678 Datasheet HTML 12Page - STMicroelectronics STG5678 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
STG5678
Electrical characteristics
Doc ID 14580 Rev 3
9/23
Table 7.
AC electrical characteristics (CL = 35 pF, RL = 50 Ω, tr = tf
≤5ns)
Symbol
Parameter
Test conditions
Value
Unit
Vcc
(V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
tPLH, tPHL
Propagation
delay
1.65
− 1.95
0.45
ns
2.3
− 2.7
0.40
3.0
− 3.3
0.30
3.6
0.25
tON
Turn ON
time
1.65
− 1.95
VS = 0.8 V
220
265
ns
2.3
− 2.7
VS = 1.5 V
140
175
3.0
− 3.3
110
135
3.6
105
130
tOFF
Turn OFF
time
1.65
− 1.95
VS = 0.8
120
150
ns
2.3
− 2.7
VS = 1.5 V
–77
92
3.0
− 3.3
77
92
3.6
77
92
tD
Break-
before-make
time delay
1.65
− 1.95
CL = 35 pF
RL = 50 Ω
VS = VCC/2
120
–––
ns
2.3
− 2.7
66
3.0
− 3.3
40
3.6
30
Q
Charge
injection
1.65
− 1.95
CL = 100 pF
VGEN = 0 V
55
–––
pC
2.3
− 2.7
76
3.0
− 3.3
94
3.6
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com