Electronic Components Datasheet Search
  English  ▼

X  

5L2503 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 5L2503
Description  MicroClock Programmable Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L2503 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 5L2503 Datasheet HTML 7Page - Renesas Technology Corp 5L2503 Datasheet HTML 8Page - Renesas Technology Corp 5L2503 Datasheet HTML 9Page - Renesas Technology Corp 5L2503 Datasheet HTML 10Page - Renesas Technology Corp 5L2503 Datasheet HTML 11Page - Renesas Technology Corp 5L2503 Datasheet HTML 12Page - Renesas Technology Corp 5L2503 Datasheet HTML 13Page - Renesas Technology Corp 5L2503 Datasheet HTML 14Page - Renesas Technology Corp 5L2503 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
©2017 Integrated Device Technology, Inc.
October 24, 2017
5L2503 Datasheet
1 Practical lower frequency is determined by loop filter settings.
2 Includes loading the configuration bits from OTP to PLL registers. It does not include OTP programming/write time.
3 Actual PLL lock time depends on the loop configuration.
t3
Clock Jitter
Cycle-to-cycle jitter (peak-to-peak), multiple
output frequencies switching, differential outputs
(1.8V nominal output voltage).
OUT1 = 25MHz.
OUT2 = 100MHz.
OUT3 = 125MHz.
50
200
ps
Clock Jitter
Cycle-to-cycle jitter (peak-to-peak), multiple
output frequencies switching, differential outputs
(1.8V nominal output voltage).
OUT1 = 24MHz.
OUT2 = 32.768kHz.
OUT3 = 26MHz.
50
200
ps
Clock Jitter
Cycle-to-cycle jitter (peak-to-peak), multiple
output frequencies switching, differential outputs
(1.8V nominal output voltage).
OUT1 = 32.768kHz.
OUT2 = 26MHz.
OUT3 = 26MHz.
50
200
ps
t5 2
Lock Time
PLL lock time from power-up.
20
ms
t6
Lock Time
32.768kHz clock low-power, power-up time.
10
100
ms
t6 3
Lock Time
PLL lock time from shutdown mode.
0.1
2
ms
Table 19. AC Electrical Characteristics (Cont.)
Symbol
Parameter
Conditions
Minimum Typical Maximum
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com