Electronic Components Datasheet Search
  English  ▼

X  

5L2503 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 5L2503
Description  MicroClock Programmable Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L2503 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 5L2503 Datasheet HTML 11Page - Renesas Technology Corp 5L2503 Datasheet HTML 12Page - Renesas Technology Corp 5L2503 Datasheet HTML 13Page - Renesas Technology Corp 5L2503 Datasheet HTML 14Page - Renesas Technology Corp 5L2503 Datasheet HTML 15Page - Renesas Technology Corp 5L2503 Datasheet HTML 16Page - Renesas Technology Corp 5L2503 Datasheet HTML 17Page - Renesas Technology Corp 5L2503 Datasheet HTML 18Page - Renesas Technology Corp 5L2503 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
©2017 Integrated Device Technology, Inc.
October 24, 2017
5L2503 Datasheet
Byte 3: PLL3 M Divider
Byte 4: PLL3 N Divider
Byte 5: PLL3 Loop Filter Setting and N Divider 10:8
Byte 03h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL3_MDIV1
PLL3 source clock divider
R/W
disable M DIV1
bypadd divider (/1)
0
Bit 6
PLL3_MDIV2
PLL3 source clock divider
R/W
disable M DIV2
bypadd divider (/2)
0
Bit 5
PLL3 M_DIV[5]
PLL3 reference integer divider
R/W
3–64, default 26
0
Bit 4
PLL3 M_DIV[4]
PLL3 reference integer divider
R/W
1
Bit 3
PLL3 M_DIV[3]
PLL3 reference integer divider
R/W
1
Bit 2
PLL3 M_DIV[2]
PLL3 reference integer divider
R/W
0
Bit 1
PLL3 M_DIV[1]
PLL3 reference integer divider
R/W
1
Bit 0
PLL3 M_DIV[0]
PLL3 reference integer divider
R/W
0
Byte 04h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL3 N_DIV[7]
PLL3 VCO feedback integer divider bit7
R/W
12–2048, default VCO setting is
480MHz
1
Bit 6
PLL3 N_DIV[6]
PLL3 VCO feedback integer divider bit6
R/W
1
Bit 5
PLL3 N_DIV[5]
PLL3 VCO feedback integer divider bit5
R/W
1
Bit 4
PLL3 N_DIV[4]
PLL3 VCO feedback integer divider bit4
R/W
0
Bit 3
PLL3 N_DIV[3]
PLL3 VCO feedback integer divider bit3
R/W
0
Bit 2
PLL3 N_DIV[2]
PLL3 VCO feedback integer divider bit2
R/W
0
Bit 1
PLL3 N_DIV[1]
PLL3 VCO feedback integer divider bit1
R/W
0
Bit 0
PLL3 N_DIV[0]
PLL3 VCO feedback integer divider bit0
R/W
0
Byte 05h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL3_R100K
PLL3 Loop filter resister 100kohm
R/W
bypass
plus 100kohm
0
Bit 6
PLL3_R50K
PLL3 Loop filter resister 50kohm
R/W
bypass
plus 50kohm
0
Bit 5
PLL3_R25K
PLL3 Loop filter resister 25kohm
R/W
bypass
plus 25kohm
0
Bit 4
PLL3_R12.5K
PLL3 Loop filter resister 12.5kohm
R/W
bypass
plus 12.5kohm
1
Bit 3
PLL3_R6K
PLL3 Loop filter resister 6kohm
R/W
bypass
only 6kohm
applied
0
Bit 2
PLL3 N_DIV[10]
PLL3 VCO feedback integer divider bit10
R/W
12–2048, default VCO setting is
480MHz
0
Bit 1
PLL3 N_DIV[9]
PLL3 VCO feedback integer divider bit9
R/W
0
Bit 0
PLL3 N_DIV[8]
PLL3 VCO feedback integer divider bit8
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com