Electronic Components Datasheet Search
  English  ▼

X  

5L2503 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 5L2503
Description  MicroClock Programmable Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L2503 Datasheet(HTML) 2 Page - Renesas Technology Corp

  5L2503 Datasheet HTML 1Page - Renesas Technology Corp 5L2503 Datasheet HTML 2Page - Renesas Technology Corp 5L2503 Datasheet HTML 3Page - Renesas Technology Corp 5L2503 Datasheet HTML 4Page - Renesas Technology Corp 5L2503 Datasheet HTML 5Page - Renesas Technology Corp 5L2503 Datasheet HTML 6Page - Renesas Technology Corp 5L2503 Datasheet HTML 7Page - Renesas Technology Corp 5L2503 Datasheet HTML 8Page - Renesas Technology Corp 5L2503 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
©2017 Integrated Device Technology, Inc.
October 24, 2017
5L2503 Datasheet
Pin Assignments
Figure 1. Pin Assignments for 2.5 × 2.5 mm 12-DFN – Top View
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Type
Description
1
SDA_DFC0/OE2
I/O
I2C data pin; can be DFC0 function by OTP programming or selected by
SEL_DFC at power-on default. Output enable pin for OUT2.
2
SEL_DFC/SCL_DFC1/
OE3
Input
I2C clock pin; can be DFC1 function by OTP programming selected by
SEL_DFC at power-on default. Output enable pin for OUT3.
3VSS
Power
Ground pin.
4
XOUT
I/O
Crystal oscillator interface output.
5
XIN
Input
Crystal oscillator interface input or clock input pin (CLKIN).
6
VDD1_8
Power
1.8V power rail.
7
OUT1
Output
1.8V LVCMOS clock output.
8
OE1
Input
Output enable control 1.
9
OUT2
Output
1.8V LVCMOS clock output.
10
VDDO
Power
1.8V output clock power supply pin; supports OUT2/3.
11
OUT3
Output
1.8V LVCMOS clock output.
12
VSS
Power
Ground pin.
EPAD
Power
Connect to ground pad.
SDA_DFC0/OE2
SEL_DFC/SCL_DFC1/OE3
VSS
XOUT
XIN
VDD1_8
OUT1
OE1
OUT2
VDDO
OUT3
VSS
1
2
3
4
5
67
8
9
10
11
12
2.5 × 2.5 mm 12-DFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com