Electronic Components Datasheet Search
  English  ▼

X  

5L2503 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 5L2503
Description  MicroClock Programmable Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L2503 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 5L2503 Datasheet HTML 17Page - Renesas Technology Corp 5L2503 Datasheet HTML 18Page - Renesas Technology Corp 5L2503 Datasheet HTML 19Page - Renesas Technology Corp 5L2503 Datasheet HTML 20Page - Renesas Technology Corp 5L2503 Datasheet HTML 21Page - Renesas Technology Corp 5L2503 Datasheet HTML 22Page - Renesas Technology Corp 5L2503 Datasheet HTML 23Page - Renesas Technology Corp 5L2503 Datasheet HTML 24Page - Renesas Technology Corp 5L2503 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
©2017 Integrated Device Technology, Inc.
October 24, 2017
5L2503 Datasheet
Byte 21: PLL2 Spread Spectrum Control
Byte 22: PLL2 Spread Spectrum Control
Byte 23: PLL2 Period Control
Byte 15h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL2_STEP[15]
PLL2 spread step size control bit 15
R/W
—
—
0
Bit 6
PLL2_STEP[14]
PLL2 spread step size control bit 14
R/W
—
—
0
Bit 5
PLL2_STEP[13]
PLL2 spread step size control bit 13
R/W
—
—
0
Bit 4
PLL2_STEP[12]
PLL2 spread step size control bit 12
R/W
—
—
0
Bit 3
PLL2_STEP[11]
PLL2 spread step size control bit 11
R/W
—
—
0
Bit 2
PLL2_STEP[10]
PLL2 spread step size control bit 10
R/W
—
—
0
Bit 1
PLL2_STEP[9]
PLL2 spread step size control bit 9
R/W
—
—
0
Bit 0
PLL2_STEP[8]
PLL2 spread step size control bit 8
R/W
—
—
0
Byte 16h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL2_STEP_DELTA[7] PLL2 spread step size control delta bit 7
R/W
—
—
0
Bit 6
PLL2_STEP_DELTA[6] PLL2 spread step size control delta bit 6
R/W
—
—
0
Bit 5
PLL2_STEP_DELTA[5] PLL2 spread step size control delta bit 5
R/W
—
—
0
Bit 4
PLL2_STEP_DELTA[4] PLL2 spread step size control delta bit 4
R/W
—
—
0
Bit 3
PLL2_STEP_DELTA[3] PLL2 spread step size control delta bit 3
R/W
—
—
0
Bit 2
PLL2_STEP_DELTA[2] PLL2 spread step size control delta bit 2
R/W
—
—
0
Bit 1
PLL2_STEP_DELTA[1] PLL2 spread step size control delta bit 1
R/W
—
—
0
Bit 0
PLL2_STEP_DELTA[0] PLL2 spared step size control delta bit 0
R/W
—
—
0
Byte 17h
Name
Control Function
Type
0
1
PWD
Bit 7
PLL2_PERIOD[7]
PLL2 period control bit 7
R/W
—
—
0
Bit 6
PLL2_PERIOD[6]
PLL2 period control bit 6
R/W
—
—
0
Bit 5
PLL2_PERIOD[5]
PLL2 period control bit 5
R/W
—
—
0
Bit 4
PLL2_PERIOD[4]
PLL2 period control bit 4
R/W
—
—
0
Bit 3
PLL2_PERIOD[3]
PLL2 period control bit 3
R/W
—
—
0
Bit 2
PLL2_PERIOD[2]
PLL2 period control bit 2
R/W
—
—
0
Bit 1
PLL2_PERIOD[1]
PLL2 period control bit 1
R/W
—
—
0
Bit 0
PLL2_PERIOD[0]
PLL2 period control bit 0
R/W
—
—
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com