Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2 Datasheet(HTML) 1 Page - Texas Instruments

  TSB41AB2 Datasheet HTML 1Page - Texas Instruments TSB41AB2 Datasheet HTML 2Page - Texas Instruments TSB41AB2 Datasheet HTML 3Page - Texas Instruments TSB41AB2 Datasheet HTML 4Page - Texas Instruments TSB41AB2 Datasheet HTML 5Page - Texas Instruments TSB41AB2 Datasheet HTML 6Page - Texas Instruments TSB41AB2 Datasheet HTML 7Page - Texas Instruments TSB41AB2 Datasheet HTML 8Page - Texas Instruments TSB41AB2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Supports Provisions of IEEE
1394-1995 Standard for High Performance
Serial Bus† and IEEE 1394a-2000
D Fully Interoperable With FireWire and
i.LINK
 Implementation of IEEE Std 1394
D Fully Compliant With OpenHCI
Requirements
D Provides Two IEEE 1394a-2000 Fully
Compliant Cable Ports at 100/200/400
Megabits Per Second (Mbits/s)
D Full IEEE 1394a-2000 Support Includes:
Connection Debounce, Arbitrated Short
Reset, Multispeed Concatenation,
Arbitration Acceleration, Fly-By
Concatenation, Port
Disable/Suspend/Resume
D Register Bits Give Software Control of
Contender Bit, Power Class Bits, Link
Active Control Bit and IEEE 1394a-2000
Features
D IEEE 1394a-2000 Compliant Common Mode
Noise Filter on Incoming TPBIAS
D Extended Resume Signaling for
Compatibility With Legacy DV Devices, and
Terminal- and Register-Compatibility With
TSB41LV02A, Allow Direct Isochronous
Transmit to Legacy DV Devices With Any
Link Layer Even When Root
D Power-Down Features to Conserve Energy
in Battery Powered Applications Include:
Automatic Device Power Down During
Suspend, Device Power-Down Terminal,
Link Interface Disable via LPS, and Inactive
Ports Powered Down
D Fail-Safe Circuitry Senses Sudden Loss of
Power to the Device and Disables the Port
to Ensure That the Device Does Not Load
TPBIAS of the Connected Device and
Blocks Any Leakage Path From the Port
Back to the Device Power Plane
D Software Device Reset (SWR)
D Industry Leading Low Power Consumption
D Ultralow-Power Sleep Mode
D Cable Power Presence Monitoring
D Cable Ports Monitor Line Conditions for
Active Connection to Remote Node
D Data Interface to Link Layer Controller
Through 2/4/8 Parallel Lines at 49.152 MHz
D Interface to Link Layer Controller Supports
Low-Cost TI Bus-Holder Isolation and
Optional Annex J Electrical Isolation
D Interoperable With Link Layer Controllers
Using 3.3 V
D Single 3.3-V Supply Operation
D Low-Cost 24.576-MHz Crystal Provides
Transmit, Receive Data at 100/200/400
Mbits/s, and Link-Layer Controller Clock at
49.152 MHz
D Low-Cost High-Performance 64-Pin TQFP
Thermally Enhanced PowerPAD
 Package
Increases Thermal Performance by up to
210%
D Meets Intel Mobile Power Guideline 2000
Copyright
 2003 − 2004 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
†Implements technology covered by one or more patents of Apple Computer, Incorporated and SGS Thompson, Limited.
FireWire is a trademark of Apple Computer, Incorporated.
i.LINK is a trademark of Sony Kabushiki Kaisha TA Sony Corporation.
Intel is a trademark of Intel Corporation
Other trademarks are the property of their respective owners.


Similar Part No. - TSB41AB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2 Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2I TI1-TSB41AB2I Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2IPAP TI1-TSB41AB2IPAP Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2PAP TI1-TSB41AB2PAP Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2PAPG4 TI1-TSB41AB2PAPG4 Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB41AB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW802A AGERE-FW802A Datasheet
397Kb / 24P
Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
Rev. 3 June 2001
logo
Texas Instruments
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com