Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB2 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSB41AB2 Datasheet HTML 25Page - Texas Instruments TSB41AB2 Datasheet HTML 26Page - Texas Instruments TSB41AB2 Datasheet HTML 27Page - Texas Instruments TSB41AB2 Datasheet HTML 28Page - Texas Instruments TSB41AB2 Datasheet HTML 29Page - Texas Instruments TSB41AB2 Datasheet HTML 30Page - Texas Instruments TSB41AB2 Datasheet HTML 31Page - Texas Instruments TSB41AB2 Datasheet HTML 32Page - Texas Instruments TSB41AB2 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the TSB41AB2 with a lower-speed link layer (continued)
In the case of a node consisting of a higher-speed PHY and a lower-speed LLC, the speed capability of the node
(PHY and LLC in combination) is that of the lower-speed LLC. A sophisticated bus manager may be able to
determine the LLC speed capability by reading the configuration ROM Bus_Info_Block, or by sending
asynchronous request packets at different speeds to the node and checking for an acknowledge; the speed map
may then be adjusted accordingly. The speed map should reflect that communication to such a node must be
done at the lower speed of the LLC, instead of the higher speed of the PHY. However, speed-map entries for
paths that merely pass through the node PHY, but do not terminate at that node, should not be restricted by the
lower speed of the LLC.
To assist in building an accurate speed map, the TSB41AB2 has the capability of indicating a speed capability
other than S400 in its transmitted self-ID packet. This is controlled by the Link_Speed field in register 8 of the
vendor-dependent page (page 7). Setting the Link_Speed field affects only the speed indicated in the self-ID
packet; it has no effect on the speed signaled to peer PHYs during self-ID. The TSB41AB2 identifies itself as
S400 capable to its peers regardless of the value in the Link_Speed field.
Generally, the Link_Speed field should not be changed from its power-on default value of S400 unless it is
determined that the speed map (if one exists) is incorrect for path entries terminating in the local node. If the
speed map is incorrect, it can be assumed that the bus manager has used only the self-ID packet information
to build the speed map. In this case, the node may update the Link_Speed field to reflect the lower speed
capability of the LLC and then initiate another bus reset to cause the speed map to be rebuilt. Note that in this
scenario any speed map entries for node-to-node communication paths that pass through the local node’s PHY
are restricted by the lower speed.
In the case of a leaf node (which has only one active port) the Link_Speed field may be set to indicate the speed
of the LLC without first checking the speed map. Changing the Link_Speed field in a leaf node can only affect
those paths that terminate at that node; because no other paths can pass through a leaf node it can have no
effect on other paths in the speed map. For hardware configurations, which can only be a leaf node (all ports
but one are unimplemented), it is recommended that the Link_Speed field be updated immediately after
power-on or hardware reset.
power-up reset
To ensure proper operation of the TSB41AB2 the RESET terminal must be asserted low for a minimum of 2 ms
from the time that PHY power reaches the minimum required supply voltage. When using a passive capacitor
on the RESET terminal to generate a power-on reset signal, the minimum reset time is assured if the capacitor
has a minimum value of 0.1
µF and also satisfies the following equation:
C
min +
0.0077
T
) 0.085
where Cmin is the minimum capacitance on the RESET terminal in µF, and T is the VDD ramp time, 10%–90%,
in milliseconds.
bus reset
In the TSB41AB2, the initiate bus reset (IBR) bit may be set to 1 in order to initiate a bus reset and initialization
sequence. The IBR bit is located in PHY register 1, along with the root-holdoff bit (RHB) and gap-count register,
as required by IEEE 1394a-2000 (this configuration also maintains compatibility with older TI PHY designs
which were based upon the suggested register set defined in Annex J of IEEE Std 1394-1995). Therefore,
whenever the IBR bit is written, the RHB and gap count are also necessarily written.
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com