Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB2 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSB41AB2 Datasheet HTML 19Page - Texas Instruments TSB41AB2 Datasheet HTML 20Page - Texas Instruments TSB41AB2 Datasheet HTML 21Page - Texas Instruments TSB41AB2 Datasheet HTML 22Page - Texas Instruments TSB41AB2 Datasheet HTML 23Page - Texas Instruments TSB41AB2 Datasheet HTML 24Page - Texas Instruments TSB41AB2 Datasheet HTML 25Page - Texas Instruments TSB41AB2 Datasheet HTML 26Page - Texas Instruments TSB41AB2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. Base Register Field Descriptions (Continued)
FIELD
SIZE
TYPE
DESCRIPTION
RPIE
1
Rd/Wr
Resuming port interrupt enable. This bit, if set to 1, enables the port event interrupt (PEI) bit to be set
whenever resume operations begin on any port. This bit also enables the C/LKON output signal to be
activated whenever the LLC is inactive and any of the CTOI, CPSI, or STOI interrupt bits are set. This bit is
reset to 0 by hardware reset and is unaffected by bus reset.
ISBR
1
Rd/Wr
Initiate short arbitrated bus reset. This bit, if set to 1, instructs the PHY to initiate a short (1.3
µs) arbitrated
bus reset at the next opportunity. This bit is reset to 0 by bus reset.
NOTE: Legacy IEEE Std 1394-1995 compliant PHYs may not be capable of performing short bus resets.
Therefore, initiation of a short bus reset in a network that contains such a legacy device results in a long bus
reset being performed.
CTOI
1
Rd/Wr
Configuration time-out interrupt. This bit is set to 1 when the arbitration controller times out during tree-ID
start, and may indicate that the bus is configured in a loop. This bit is reset to 0 by hardware reset, or by writing
a 1 to this register bit.
If the CTOI and RPIE bits are both set and the LLC is or becomes inactive, the PHY activates the C/LKON
output to notify the LLC to service the interrupt.
NOTE: If the network is configured in a loop, only those nodes that are part of the loop generate a
configuration time-out interrupt. All other nodes instead time out waiting for the tree-ID and/or self-ID process
to complete and then generate a state time-out interrupt and bus reset.
CPSI
1
Rd/Wr
Cable power status interrupt. This bit is set to 1 whenever the CPS input transitions from high to low indicating
that cable power may be too low for reliable operation. This bit is reset to 1 by hardware reset. It can be
cleared by writing a 1 to this register bit.
If the CPSI and RPIE bits are both set and the LLC is or becomes inactive, the PHY activates the C/LKON
output to notify the LLC to service the interrupt.
STOI
1
Rd/Wr
State time-out interrupt. This bit indicates that a state time-out has occurred (which also causes a bus reset
to occur). This bit is reset to 0 by hardware reset, or by writing a 1 to this register bit. If the STOI and RPIE
bits are both set and the LLC is or becomes inactive, the PHY activates the C/LKON output to notify the LLC
to service the interrupt.
PEI
1
Rd/Wr
Port event interrupt. This bit is set to 1 upon a change in the bias, connected, disabled, or fault bits for any
port for which the port interrupt enable (PIE) bit is set. Additionally, if the resuming port interrupt enable (RPIE)
bit is set, the PEI bit is set to 1 at the start of resume operations on any port. This bit is reset to 0 by hardware
reset, or by writing a 1 to this register bit.
If the PEI bit is set (regardless of the state of the RPEI bit) and the LLC is or becomes inactive, the PHY
activates the C/LKON output to notify the LLC to service the interrupt.
EAA
1
Rd/Wr
Enable accelerated arbitration. This bit enables the PHY to perform the various arbitration acceleration
enhancements defined in IEEE 1394a-2000 (ACK-accelerated arbitration, asynchronous fly-by
concatenation, and isochronous fly-by concatenation). This bit is reset to 0 by hardware reset and is
unaffected by bus reset.
NOTE: The EAA bit should be set only if the attached LLC is IEEE 1394a-2000 compliant. If the LLC is not
IEEE 1394a-2000 compliant, use of the arbitration acceleration enhancements may interfere with
isochronous traffic by excessively delaying the transmission of cycle-start packets.
EMC
1
Rd/Wr
Enable multispeed concatenated packets. This bit enables the PHY to transmit concatenated packets of
differing speeds in accordance with the protocols defined in IEEE 1394a-2000. This bit is reset to 0 by
hardware reset and is unaffected by bus reset.
NOTE: The use of multispeed concatenation is completely compatible with networks containing legacy IEEE
Std 1394-1995 PHYs. However, use of multispeed concatenation requires that the attached LLC be IEEE
1394a-2000 compliant.
Page_Select
3
Rd/Wr
Page select. This field selects the register page to use when accessing register addresses 8 through 15. This
field is reset to 0 by hardware reset and is unaffected by bus reset.
Port_Select
4
Rd/Wr
Port select. This field selects the port when accessing per-port status or control (for example, when one of
the port status/control registers is accessed in page 0). Ports are numbered starting at 0. This field is reset
to 0 by hardware reset and is unaffected by bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com