Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB2 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSB41AB2 Datasheet HTML 14Page - Texas Instruments TSB41AB2 Datasheet HTML 15Page - Texas Instruments TSB41AB2 Datasheet HTML 16Page - Texas Instruments TSB41AB2 Datasheet HTML 17Page - Texas Instruments TSB41AB2 Datasheet HTML 18Page - Texas Instruments TSB41AB2 Datasheet HTML 19Page - Texas Instruments TSB41AB2 Datasheet HTML 20Page - Texas Instruments TSB41AB2 Datasheet HTML 21Page - Texas Instruments TSB41AB2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Outer Shield Termination
Chassis GND
Figure 7. Nonisolated Outer Shield Termination
LPS
LPS
10 k
Ω
10 k
Ω
Link Power
Square Wave Input
Figure 8. Nonisolated Circuit Connection Variations for LPS
LPS
13.7 k
Ω
Square Wave Signal
10 k
Ω
PHY VDD
0.033
µF
PHY GND
NOTE: As long as the resistance ratio is maintained between 1.61:1 and
1.33:1, any values of resistors may be used.
Figure 9. Isolated Circuit Connection for LPS
crystal selection
The TSB41AB2 and other TI PHY devices are designed to use an external 24.576-MHz crystal connected
between the XI and XO terminals to provide the reference for an internal oscillator circuit. This oscillator in turn
drives a PLL circuit that generates the various clocks required for transmission and resynchronization of data
at the S100 through S400 media data rates.
A variation of less than
±100 ppm from nominal for the media data rates is required by IEEE Std 1394. Adjacent
PHYs may therefore have a difference of up to 200 ppm from each other in their internal clocks, and PHYs must
be able to compensate for this difference over the maximum packet length. Larger clock variations may cause
resynchronization overflows or underflows, resulting in corrupted packet data.
For the TSB41AB2, the SYSCLK output may be used to measure the frequency accuracy and stability of the
internal oscillator and PLL from which it is derived. The frequency of the SYSCLK output must be within
±100 ppm of the nominal frequency of 49.152 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com