Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3DPFP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3DPFP
Description  IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3DPFP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TSB81BA3DPFP Datasheet HTML 10Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 11Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 12Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 13Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 14Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 15Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 16Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 17Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
th
tsu
D, CTL, LREQ
xCLK
Figure 2. Dx, CTLx, LREQ Input Setup and Hold Time Waveforms
td
D, CTL
xCLK
Figure 3. Dx and CTLx Output Delay Relative to xCLK Waveforms
APPLICATION INFORMATION
Please obtain from the TI website or your local TI representative the reference schematics, reference layouts,
debug documents, and software recommendations for the TSB81BA3D.
internal register configuration
There are 16 accessible internal registers in the TSB81BA3D. The configuration of the registers at addresses
0h through 7h (the base registers) is fixed, while the configuration of the registers at addresses 8h through Fh
(the paged registers) is dependent upon which 1 of 8 pages, numbered 0h through 7h, is currently selected.
The selected page is set in base register 7h. Note that while this register set is compatible with 1394a−2000
register sets, some fields have been redefined and this register set contains additional fields.
Table 1 shows the configuration of the base registers, and Table 2 gives the corresponding field descriptions.
The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved or Rsvd in the following register configuration tables)
is read as 0, but is subject to future usage. All registers in address pages 2 through 6 are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com