Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3DPFP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3DPFP
Description  IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3DPFP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TSB81BA3DPFP Datasheet HTML 21Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 22Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 23Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 24Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 25Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 26Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 27Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 28Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
using the TSB81BA3D with a non-1394b link layer
The TSB81BA3D implements the PHY-LLC interface specified in the 1394b Supplement. This interface is based
upon the interface described in Section 14 of IEEE P1394b (draft 1.33). When using a LLC compliant with this
interface, the BMODE input must be tied high.
The TSB81BA3D also functions with a LLC that is compliant with the older 1394 standards. This interface is
compatible with both the older Annex J interface specified in the IEEE Std 1394−1995 (with the exception of
the Annex J isolation interfacing method) and the PHY-LLC interface specified in 1394a−2000. When using a
LLC compliant with this interface, the BMODE input must be tied low.
using the TSB81BA3D with a 1394−1995 or 1394a−2000 link layer
When the BMODE input is tied low, the TSB81BA3D implements the PHY-LLC interface specified in the
1394a−2000 Supplement. This interface is based upon the interface described in informative Annex J of IEEE
Std 1394−1995, which is the interface used in the oldest TI PHY devices. The PHY-LLC interface specified in
1394a−2000 is compatible with the older Annex J. However, the TSB81BA3D does not support the Annex J
isolation interfacing method. When implementing the 1394a−2000 interface, certain signals are not used:
−
The PINT output (terminal 1) may be left open
−
The LCLK input (terminal 7) must be tied directly to ground or through a pulldown resistor of ~1 k
Ω or
less.
All other signals are connected to their counterparts on the 1394a link-layer controller. The PCLK output
corresponds to the SCLK input signal on most LLCs.
The 1394a−2000 Supplement includes enhancements to the Annex J interface that should be comprehended
when using the TSB81BA3D with a 1394−1995 LLC device.
D A new LLC service request was added which allows the LLC to temporarily enable and disable
asynchronous arbitration accelerations. If the LLC does not implement this new service request, then the
arbitration enhancements must not be enabled (see the EAA bit in PHY register 5).
D The capability to perform multispeed concatenation (the concatenation of packets of differing speeds) was
added in order to improve bus efficiency (primarily during isochronous transmission). If the LLC does not
support multispeed concatenation, then multispeed concatenation must not be enabled in the PHY (see the
EMC bit in PHY register 5).
D In order to accommodate the higher transmission speeds expected in future revisions of the standard,
1394a−2000 extended the speed code in bus requests from 2 bits to 3 bits, increasing the length of the bus
request from 7 bits to 8 bits. The new speed codes were carefully selected so that new 1394a−2000 PHY
and LLC devices would be compatible, for speeds from S100 to S400, with legacy PHY and LLC devices
that use the 2-bit speed codes. The TSB81BA3D correctly interprets both 7-bit bus requests (with 2-bit
speed code) and 8-bit bus requests (with 3-bit speed codes). Moreover, if a 7-bit bus request is immediately
followed by another request (for example, a register read or write request), then the TSB81BA3D correctly
interprets both requests. Although the TSB81BA3D correctly interprets 8-bit bus requests, a request with
a speed code exceeding S400 while in 1394a−2000 PHY-link interface mode results in the TSB81BA3D
transmitting a null packet (data-prefix followed by data-end, with no data in the packet).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com