Electronic Components Datasheet Search
  English  ▼

X  

TSB81BA3DPFP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3DPFP
Description  IEEE 139b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3DPFP Datasheet(HTML) 28 Page - Texas Instruments

Back Button TSB81BA3DPFP Datasheet HTML 24Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 25Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 26Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 27Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 28Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 29Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 30Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 31Page - Texas Instruments TSB81BA3DPFP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
TSB81BA3D, TSB81BA3DI
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS559E − DECEMBER 2002 − REVISED JUNE 2006
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a−2000 INTERFACE)
The TSB81BA3D is designed to operate with an LLC such as the Texas Instruments TSB12LV21B, TSB12LV26,
TSB12LV32, TSB42AA4, or TSB12LV01B when the BMODE terminal is tied low. Details of operation for the
Texas Instruments LLC devices are found in the respective LLC data sheets. The following paragraphs describe
the operation of the PHY-LLC interface. This interface is formally defined in IEEE 1394a−2000, Section 5A.
The interface to the LLC consists of the PCLK, CTL0−CTL1, D0−D7, LREQ, LPS, and LKON/DS2 terminals on
the TSB81BA3D, as shown in Figure 10.
LKON/DS2
LPS
PCLK (SYSCLK)
LREQ
D0–D7
CTL0–CTL1
Link-Layer
Controller
TSB81BA3D
Figure 10. PHY-LLC Interface
The PCLK terminal provides a 49.152-MHz interface system clock. All control and data signals are synchronized
to, and sampled on, the rising edge of PCLK. This terminal serves the same function as the SYSCLK terminal
of 1394a−2000 compliant PHY devices.
The CTL0 and CTL1 terminals form a bidirectional control bus, which controls the flow of information and data
between the TSB81BA3D and LLC.
The D0−D7 terminals form a bidirectional data bus, which transfers status information, control information, or
packet data between the devices. The TSB81BA3D supports S100, S200, and S400 data transfers over the
D0−D7 data bus. In S100 operation only the D0 and D1 terminals are used; in S200 operation only the D0−D3
terminals are used; and in S400 operation all D0−D7 terminals are used for data transfer. When the TSB81BA3D
is in control of the D0−D7 bus, unused Dn terminals are driven low during S100 and S200 operations. When
the LLC is in control of the D0−D7 bus, unused Dn terminals are ignored by the TSB81BA3D.
The LREQ terminal is controlled by the LLC to send serial service requests to the PHY in order to request access
to the serial-bus for packet transmission, read or write PHY registers, or control arbitration acceleration.
The LPS and LKON/DS2 terminals are used for power management of the PHY and LLC. The LPS terminal
indicates the power status of the LLC, and may be used to reset the PHY-LLC interface or to disable PCLK. The
LKON/DS2 terminal sends a wake-up notification to the LLC or external circuitry and indicates an interrupt to
the LLC when either LPS is inactive or the PHY register L bit is 0.
The TSB81BA3D normally controls the CTL0−CTL1 and D0−D7 bidirectional buses. The LLC is allowed to drive
these buses only after the LLC has been granted permission to do so by the PHY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com