Electronic Components Datasheet Search
  English  ▼

X  

70V261 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 70V261
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V261 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 70V261 Datasheet HTML 7Page - Renesas Technology Corp 70V261 Datasheet HTML 8Page - Renesas Technology Corp 70V261 Datasheet HTML 9Page - Renesas Technology Corp 70V261 Datasheet HTML 10Page - Renesas Technology Corp 70V261 Datasheet HTML 11Page - Renesas Technology Corp 70V261 Datasheet HTML 12Page - Renesas Technology Corp 70V261 Datasheet HTML 13Page - Renesas Technology Corp 70V261 Datasheet HTML 14Page - Renesas Technology Corp 70V261 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
6.42
70V261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
11
Jun.04.21
Timing Waveform of Write with
BUSY
Waveform of BUSY Arbitration Controlled by CE Timing(1)
NOTES:
1. tWH must be met for both BUSY input (SLAVE) and output (MASTER).
2. BUSY is asserted on port "B" blocking R/W"B", until BUSY"B" goes HIGH.
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. If tAPS is not satisfied, the BUSY signal will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted.
Waveform of BUSY Arbitration Cycle Controlled by
Address Match Timing(1)
3040 drw 12
R/
W"A"
BUSY"B"
tWP
tWB
R/
W"B"
tWH
(1)
(2)
3040 drw 13
ADDR"A"
and "B"
ADDRESSES MATCH
CE"A"
CE"B"
BUSY"B"
tAPS
tBAC
tBDC
(2)
3040 drw 14
ADDR"A"
ADDRESS "N"
ADDR"B"
BUSY"B"
tAPS
tBAA
tBDA
(2)
MATCHING ADDRESS "N"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com