Electronic Components Datasheet Search
  English  ▼

X  

70V261 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 70V261
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V261 Datasheet(HTML) 2 Page - Renesas Technology Corp

  70V261 Datasheet HTML 1Page - Renesas Technology Corp 70V261 Datasheet HTML 2Page - Renesas Technology Corp 70V261 Datasheet HTML 3Page - Renesas Technology Corp 70V261 Datasheet HTML 4Page - Renesas Technology Corp 70V261 Datasheet HTML 5Page - Renesas Technology Corp 70V261 Datasheet HTML 6Page - Renesas Technology Corp 70V261 Datasheet HTML 7Page - Renesas Technology Corp 70V261 Datasheet HTML 8Page - Renesas Technology Corp 70V261 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
70V261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
2
Jun.04.21
Description
TheIDT70V261isahigh-speed16Kx16Dual-PortStaticRAM.The
IDT70V261isdesignedtobeusedasastand-alone256K-bitDual-Port
RAMorasacombinationMASTER/SLAVEDual-PortRAMfor32-bit-or-
more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM
approach in 32-bit or wider memory system applications results in full-
speed,error-freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 300mW of power.
The IDT70V261 is packaged in a 100-pin Thin Quad Flatpack.
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
Pin Names
Pin Configurations(1,2,3)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
3040 drw 02
I/O9L
I/O8L
I/O7L
I/O6L
I/O5L
I/O4L
I/O3L
I/O2L
GND
I/O1L
I/O0L
OEL
VCC
R/
WL
SEML
CEL
UBL
LBL
A12L
A11L
A10L
I/O7R
I/O8R
I/O9R
I/O10R
I/O11R
I/O12R
I/O13R
I/O14R
GND
I/O15R
OER
R/
WR
SEMR
CER
UBR
LBR
GND
A12R
A11R
A10R
A9R
A8R
A7R
A6R
A13L
A13R
70V261
PNG100(4)
A9L
A8L
A7L
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
A0R - A13R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
3040 tbl 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com