Electronic Components Datasheet Search
  English  ▼

X  

70V261 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 70V261
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V261 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 70V261 Datasheet HTML 9Page - Renesas Technology Corp 70V261 Datasheet HTML 10Page - Renesas Technology Corp 70V261 Datasheet HTML 11Page - Renesas Technology Corp 70V261 Datasheet HTML 12Page - Renesas Technology Corp 70V261 Datasheet HTML 13Page - Renesas Technology Corp 70V261 Datasheet HTML 14Page - Renesas Technology Corp 70V261 Datasheet HTML 15Page - Renesas Technology Corp 70V261 Datasheet HTML 16Page - Renesas Technology Corp 70V261 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
6.42
70V261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
13
Jun.04.21
NOTES:
1. Pins BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSYX outputs on the IDT70V261 are push
pull, not open drain outputs. On slaves the BUSYX input internally inhibits writes.
2. L if the inputs to the opposite port were stable prior to the address and enable inputs of this port. VIH if the inputs to the opposite port became stable after the address and
enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs cannot be LOW simultaneously.
3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored when
BUSYR outputs are driving LOW regardless of actual logic level on the pin.
Truth Table IV —
Address BUSY Arbitration
Truth Table V — Example of Semaphore Procurement Sequence(1,2,3)
NOTES:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT70V261.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O15). These eight semaphores are addressed by A0-A2.
3. CE = VIH, SEM = VIL to access the semaphore. Refer to the Semaphore Read/Write Control Truth Table.
Truth Table III — Interrupt Flag(1)
NOTES:
1. Assumes BUSYL = BUSYR =VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
Left Port
Right Port
Function
R/WL
CEL
OEL
A13L-A0L
INTL
R/WR
CER
OER
A13R-A0R
INTR
L
L
X
3FFF
X
X
X
X
X
L(2)
Set Right INTR Flag
X
X
XXX
X
L
L
3FFF
H(3)
Reset Right INTR Flag
XX
X
X
L(3)
L
L
X
3FFE
X
Set Left INTL Flag
X
L
L
3FFE
H(2)
X
X
XXX
Reset Left INTL Flag
3040 tbl 15
Inputs
Outputs
Function
CEL
CER
A0L-A13L
A0R-A13R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
3040 tbl 16
Functions
D0 - D15 Left
D0 - D15 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Right Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Right Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Right Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Right Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
3040 tbl 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com