Electronic Components Datasheet Search
  English  ▼

X  

70V261 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 70V261
Description  HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V261 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 70V261 Datasheet HTML 11Page - Renesas Technology Corp 70V261 Datasheet HTML 12Page - Renesas Technology Corp 70V261 Datasheet HTML 13Page - Renesas Technology Corp 70V261 Datasheet HTML 14Page - Renesas Technology Corp 70V261 Datasheet HTML 15Page - Renesas Technology Corp 70V261 Datasheet HTML 16Page - Renesas Technology Corp 70V261 Datasheet HTML 17Page - Renesas Technology Corp 70V261 Datasheet HTML 18Page - Renesas Technology Corp 70V261 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
6.42
70V261S/L
High-Speed 16K x 16 Dual-Port Static RAM with Interrupt
Industrial and Commercial Temperature Ranges
15
Jun.04.21
D
3040 drw 18
0
D
Q
WRITE
D0
D
Q
WRITE
SEMAPHORE
REQUEST FLIP FLOP
SEMAPHORE
REQUEST FLIP FLOP
L PORT
R PORT
SEMAPHORE
READ
SEMAPHORE
READ
SystemswhichcanbestusetheIDT70V261containmultipleproces-
sors or controllers and are typically very high-speed systems which are
softwarecontrolledorsoftwareintensive.Thesesystemscanbenefitfrom
a performance increase offered by the IDT70V261's hardware sema-
phores, which provide a lockout mechanism without requiring complex
programming.
Software handshaking between processors offers the maximum in
system flexibility by permitting shared resources to be allocated in
varying configurations. The IDT70V261 does not use its semaphore
flags to control any resources through hardware, thus allowing the
system designer total flexibility in system architecture.
An advantage of using semaphores rather than the more common
methods of hardware arbitration is that wait states are never incurred
in either processor. This can prove to be a major advantage in very
high-speed systems.
How the Semaphore Flags Work
The semaphore logic is a set of eight latches which are indepen-
dent of the Dual-Port SRAM. These latches can be used to pass a flag,
or token, from one port to the other to indicate that a shared resource
is in use. The semaphores provide a hardware assist for a use
assignment method called “Token Passing Allocation.” In this method,
the state of a semaphore latch is used as a token indicating that shared
resource is in use. If the left processor wants to use this resource, it
requests the token by setting the latch. This processor then verifies its
success in setting the latch by reading it. If it was successful, it
proceeds to assume control over the shared resource. If it was not
successful in setting the latch, it determines that the right side
processor has set the latch first, has the token and is using the shared
resource. The left processor can then either repeatedly request that
semaphore’s status or remove its request for that semaphore to
perform another task and occasionally attempt again to gain control of
the token via the set and test sequence. Once the right side has
relinquished the token, the left side should succeed in gaining control.
The semaphore flags are active LOW. A token is requested by
writing a zero into a semaphore latch and is released when the same
side writes a one to that latch.
The eight semaphore flags reside within the IDT70V261 in a
separate memory space from the Dual-Port SRAM. This address
space is accessed by placing a LOW input on the SEM pin (which acts
as a chip select for the semaphore flags) and using the other control
pins (Address, OE, and R/W) as they would be used in accessing a
standard Static RAM. Each of the flags has a unique address which
can be accessed by either side through address pins A0 – A2. When
accessing the semaphores, none of the other address pins has any
effect.
When writing to a semaphore, only data pin D0is used. If a low level
is written into an unused semaphore location, that flag will be set to a
zero on that side and a one on the other side (see Truth Table V). That
semaphore can now only be modified by the side showing the zero.
When a one is written into the same location from the same side, the
flag will be set to a one for both sides (unless a semaphore request
from the other side is pending) and then can be written to by both sides.
The fact that the side which is able to write a zero into a semaphore
subsequently locks out writes from the other side is what makes
semaphoreflagsusefulininterprocessorcommunications.(Athorough
discussionontheuseofthisfeaturefollowsshortly.)Azerowrittenintothe
samelocationfromtheothersidewillbestoredinthesemaphorerequest
Figure 4. IDT70V261 Semaphore Logic
latch for that side until the semaphore is freed by the first side.
Whenasemaphoreflagisread,itsvalueisspreadintoalldatabitsso
thataflagthatisaonereadsasaoneinalldatabitsandaflagcontaining
azeroreadsasallzeros.Thereadvalueislatchedintooneside’soutput
registerwhenthatside'ssemaphoreselect(SEM)andoutputenable(OE)
signalsgoactive.Thisservestodisallowthesemaphorefromchanging
stateinthemiddleofareadcycleduetoawritecyclefromtheotherside.
Becauseofthislatch,arepeatedreadofasemaphoreinatestloopmust
cause either signal (SEM or OE) to go inactive or the output will never
change.
A sequence WRITE/READ must be used by the semaphore in
order to guarantee that no system level contention will occur. A
processor requests access to shared resources by attempting to write
a zero into a semaphore location. If the semaphore is already in use,
the semaphore request latch will contain a zero, yet the semaphore
flag will appear as one, a fact which the processor will verify by the
subsequent read (see Truth Table V). As an example, assume a
processor writes a zero to the left port at a free semaphore location. On
a subsequent read, the processor will verify that it has written success-
fully to that location and will assume control over the resource in
question. Meanwhile, if a processor on the right side attempts to write
a zero to the same semaphore flag it will fail, as will be verified by the
fact that a one will be read from that semaphore on the right side during
subsequent read. Had a sequence of READ/WRITE been used
instead, system contention problems could have occurred during the
gap between the read and write cycles.
It is important to note that a failed semaphore request must be
followed by either repeated reads or by writing a one into the same
location. The reason for this is easily understood by looking at the
simple logic diagram of the semaphore flag in Figure 4. Two sema-
phore request latches feed into a semaphore flag. Whichever latch is
first to present a zero to the semaphore flag will force its side of the
semaphore flag low and the other side HIGH. This condition will
continue until a one is written to the same semaphore request latch.
Should the other side’s semaphore request latch have been written to
a zero in the meantime, the semaphore flag will flip over to the other
side as soon as a one is written into the first side’s request latch. The
second side’s flag will now stay LOW until its semaphore request latch
is written to a one. From this it is easy to understand that, if a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com