Electronic Components Datasheet Search
  English  ▼

X  

83C552 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 83C552
Description  Single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C552 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 83C552 Datasheet HTML 6Page - NXP Semiconductors 83C552 Datasheet HTML 7Page - NXP Semiconductors 83C552 Datasheet HTML 8Page - NXP Semiconductors 83C552 Datasheet HTML 9Page - NXP Semiconductors 83C552 Datasheet HTML 10Page - NXP Semiconductors 83C552 Datasheet HTML 11Page - NXP Semiconductors 83C552 Datasheet HTML 12Page - NXP Semiconductors 83C552 Datasheet HTML 13Page - NXP Semiconductors 83C552 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
1998 Aug 13
10
DC ELECTRICAL CHARACTERISTICS
VSS, AVSS = 0V; VDD, AVDD = 5V ± 10%
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IDD
Supply current operating:
See notes 1 and 2
P83(0)C552EBx
fOSC = 16MHz
45
mA
P83(0)C552EFx
fOSC = 16MHz
45
mA
P83(0)C552EHx
fOSC = 16MHz
40
mA
P83(0)C552IBx
fOSC = 24MHz
55
mA
P83(0)C552IFx
fOSC = 24MHz
55
mA
P83(0)C552KBx
fOSC = 30MHz
68
mA
IID
Idle mode:
See notes 1 and 3
P83(0)C552EBx
fOSC = 16MHz
10
mA
P83(0)C552EFx
fOSC = 16MHz
10
mA
P83(0)C552EHx
fOSC = 16MHz
9
mA
P83(0)C552IBx
fOSC = 24MHz
12.5
mA
P83(0)C552IFx
fOSC = 24MHz
12.5
mA
P83(0)C552KBx
fOSC = 30MHz
15
mA
IPD
Power-down current:
See notes 1 and 4;
2V < VPD < VDD max
P83(0)C552xBx
50
µA
P83(0)C552xFx
50
µA
P83(0)C552xHx
150
µA
Inputs
VIL
Input low voltage, except EA, P1.6, P1.7
–0.5
0.2VDD–0.1
V
VIL1
Input low voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA5
–0.5
0.3VDD
V
VIH
Input high voltage, except XTAL1, RST, P1.6/SCL, P1.7/SDA
0.2VDD+0.9
VDD+0.5
V
VIH1
Input high voltage, XTAL1, RST
0.7VDD
VDD+0.5
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA5
0.7VDD
6.0
V
IIL
Logical 0 input current, ports 1, 2, 3, 4, except P1.6, P1.7
VIN = 0.45V
–50
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3, 4, except P1.6, P1.7
See note 6
–650
µA
±IIL1
Input leakage current, port 0, EA, STADC, EW
0.45V < VI < VDD
10
µA
±IIL2
Input leakage current, P1.6/SCL, P1.7/SDA
0V < VI < 6V
0V < VDD < 5.5V
10
µA
±IIL3
Input leakage current, port 5
0.45V < VI < VDD
1
µA
Outputs
VOL
Output low voltage, ports 1, 2, 3, 4, except P1.6, P1.7
IOL = 1.6mA7
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN, PWM0, PWM1
IOL = 3.2mA7
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA7
0.4
V
VOH
Output high voltage, ports 1, 2, 3, 4, except P1.6/SCL, P1.7/SDA
–IOH = 60µA
2.4
V
–IOH = 25µA
0.75VDD
V
–IOH = 10µA
0.9VDD
V
VOH1
Output high voltage (port 0 in external bus mode, ALE,
PSEN PWM0 PWM1)8
–IOH = 400µA
2.4
V
PSEN, PWM0, PWM1)8
–IOH = 150µA
0.75VDD
V
–IOH = 40µA
0.9VDD
V
VOH2
Output high voltage (RST)
–IOH = 400µA
2.4
V
–IOH = 120µA
0.8VDD
V
RRST
Internal reset pull-down resistor
50
150
k
Ω
CIO
Pin capacitance
Test freq = 1MHz,
Tamb = 25°C
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com