Electronic Components Datasheet Search
  English  ▼

X  

83C552 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # 83C552
Description  Single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C552 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button 83C552 Datasheet HTML 16Page - NXP Semiconductors 83C552 Datasheet HTML 17Page - NXP Semiconductors 83C552 Datasheet HTML 18Page - NXP Semiconductors 83C552 Datasheet HTML 19Page - NXP Semiconductors 83C552 Datasheet HTML 20Page - NXP Semiconductors 83C552 Datasheet HTML 21Page - NXP Semiconductors 83C552 Datasheet HTML 22Page - NXP Semiconductors 83C552 Datasheet HTML 23Page - NXP Semiconductors 83C552 Datasheet HTML 24Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
1998 Aug 13
20
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 12. IDD Test Condition, Active Mode
All other pins are disconnected1
VDD
P0
EA
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
CLOCK SIGNAL
Figure 13. IDD Test Condition, Idle Mode
All other pins are disconnected2
VDD
P1.6
P1.7
STADC
AVSS
AVref–
EW
VDD
P1.6
P1.7
STADC
EW
AVSS
AVref–
VDD–0.5
0.5V
0.7VDD
0.2VDD–0.1
tCHCL
tCLCL
tCLCH
tCLCX
tCHCX
Figure 14. Clock Signal Waveform for IDD Tests in Active
and Idle Modes tCLCH = tCHCL = 5ns
VDD
P0
RST
XTAL1
XTAL2
VSS
VDD
VDD
IDD
(NC)
Figure 15. IDD Test Condition, Power Down Mode
All other pins are disconnected. VDD = 2V to 5.5V3
VDD
P1.6
P1.7
STADC
EA
EW
AVSS
AVref–
NOTES:
1. Active Mode:
a. The following pins must be forced to VDD: EA, RST, Port 0, and EW.
b. The following pins must be forced to VSS: STADC, AVss, and AVref–.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.
2. Idle Mode:
a. The following pins must be forced to VDD: Port 0 and EW.
b. The following pins must be forced to VSS: RST, STADC, AVss,, AVref–, and EA.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins. These pins must not have logic 0 written to them prior to this measurement.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.
3. Power Down Mode:
a. The following pins must be forced to VDD: Port 0 and EW.
b. The following pins must be forced to VSS: RST, STADC, XTAL1, AVss,, AVref–, and EA.
c. Ports 1.6 and 1.7 should be connected to VDD through resistors of sufficiently high value such that the sink current into these pins cannot
exceed the IOL1 spec of these pins. These pins must not have logic 0 written to them prior to this measurement.
d. The following pins must be disconnected: XTAL2 and all pins not specified above.
Purchase of Philips I2C components conveys a license under the Philips’ I2C patent
to use the components in the I2C system provided the system conforms to the
I2C specifications defined by Philips. This specification can be ordered using the
code 9398 393 40011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com