Electronic Components Datasheet Search
  English  ▼

X  

83C552 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # 83C552
Description  Single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C552 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button 83C552 Datasheet HTML 14Page - NXP Semiconductors 83C552 Datasheet HTML 15Page - NXP Semiconductors 83C552 Datasheet HTML 16Page - NXP Semiconductors 83C552 Datasheet HTML 17Page - NXP Semiconductors 83C552 Datasheet HTML 18Page - NXP Semiconductors 83C552 Datasheet HTML 19Page - NXP Semiconductors 83C552 Datasheet HTML 20Page - NXP Semiconductors 83C552 Datasheet HTML 21Page - NXP Semiconductors 83C552 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
1998 Aug 13
18
VDD–0.5
0.45V
0.2VDD+0.9
0.2VDD–0.1
NOTE:
AC INPUTS DURING TESTING ARE DRIVEN AT VDD–0.5 FOR A LOGIC ‘1’ AND
0.45V FOR A LOGIC ‘0’. TIMING MEASUREMENTS ARE MADE AT VIH MIN FOR A
LOGIC ‘1’ AND VIL MAX FOR A LOGIC ‘0’.
Figure 7. AC Testing Input/Output
VLOAD
VLOAD+0.1V
VLOAD–0.1V
VOH–0.1V
VOL+0.1V
NOTE:
FOR TIMING PURPOSES, A PORT IS NO LONGER FLOATING WHEN A 100MV
CHANGE FROM LOAD VOLTAGE OCCURS, AND BEGINS TO FLOAT WHEN A
100mV CHANGE FROM THE LOADED VOH/VOL LEVEL OCCURS. IOH/IOL > +
20mA.
Figure 8. Float Waveform
TIMING
REFERENCE
POINTS
Figure 9. Timing SIO1 (I2C) Interface
tRD
tSU;STA
tBUF
tSU;STO
0.7 VCC
0.3 VCC
0.7 VCC
0.3 VCC
tFD
tRC
tFC
tHIGH
tLOW
tHD;STA
tSU;DAT1
tHD;DAT
tSU;DAT2
tSU;DAT3
START condition
repeated START condition
SDA
(INPUT/OUTPUT)
SCL
(INPUT/OUTPUT)
STOP condition
START or repeated START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com