Electronic Components Datasheet Search
  English  ▼

X  

83C552 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 83C552
Description  Single-chip 8-bit microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C552 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 83C552 Datasheet HTML 15Page - NXP Semiconductors 83C552 Datasheet HTML 16Page - NXP Semiconductors 83C552 Datasheet HTML 17Page - NXP Semiconductors 83C552 Datasheet HTML 18Page - NXP Semiconductors 83C552 Datasheet HTML 19Page - NXP Semiconductors 83C552 Datasheet HTML 20Page - NXP Semiconductors 83C552 Datasheet HTML 21Page - NXP Semiconductors 83C552 Datasheet HTML 22Page - NXP Semiconductors 83C552 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Philips Semiconductors
Product specification
80C552/83C552
Single-chip 8-bit microcontroller
1998 Aug 13
19
40
30
20
10
12
416
8
f (MHz)
(1)
Figure 10. 16MHz Version Supply Current (IDD) as a Function of Frequency at XTAL1 (fOSC)
NOTE:
These values are valid only within the frequency specifications of the device under test.
IDD, ID mA
50
0
0
(2)
(3)
(4)
(1) Maximum operating mode; VDD = 6V
(2) Maximum operating mode; VDD = 4V
(3) Maximum idle mode; VDD = 6V
(4) Maximum idle mode; VDD = 4V
40
30
20
10
12
416
8
f (MHz)
(1)
Figure 11. 24MHz Version Supply Current (IDD) as a Function of Frequency at XTAL1 (fOSC)
NOTE:
These values are valid only within the frequency specifications of the device under test.
50
0
0
(2)
(3)
(4)
(1) Maximum operating mode; VDD = 5.5V
(2) Maximum operating mode; VDD = 4.5V
(3) Maximum idle mode; VDD = 5.5V
(4) Maximum idle mode; VDD = 4.5V
60
20
24
IDD, ID mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com