Electronic Components Datasheet Search
  English  ▼

X  

T5035H-8PI Datasheet(PDF) 5 Page - STMicroelectronics

Part # T5035H-8PI
Description  50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T5035H-8PI Datasheet(HTML) 5 Page - STMicroelectronics

  T5035H-8PI Datasheet HTML 1Page - STMicroelectronics T5035H-8PI Datasheet HTML 2Page - STMicroelectronics T5035H-8PI Datasheet HTML 3Page - STMicroelectronics T5035H-8PI Datasheet HTML 4Page - STMicroelectronics T5035H-8PI Datasheet HTML 5Page - STMicroelectronics T5035H-8PI Datasheet HTML 6Page - STMicroelectronics T5035H-8PI Datasheet HTML 7Page - STMicroelectronics T5035H-8PI Datasheet HTML 8Page - STMicroelectronics T5035H-8PI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 7. Relative variation of static dV/dt immunity
versus junction temperature
0
1
2
3
25
50
75
100
125
150
dV/dt [Tj] / dV/dt [Tj = 150 °C]
Tj(°C)
VD = VR = 536 V
Figure 8. Relative variation of critical rate of decrease of
current (dI/dt)c versus junction temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
25
50
75
100
125
150
(dl/dt)c [Tj] / (dl/dt)c [Tj = 150 °C]
Tj(°C)
Figure 9. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
10
100
1000
10000
0.01
0.10
1.00
10.00
ITSM(A)
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
100A/µs
Figure 10. Surge peak on-state current versus number of
cycles
0
100
200
300
400
500
600
1
10
100
1000
ITSM(A)
Number of cycles
Repetitive
Tc = 97°C
Non repetitive
Tj initial = 25 °C
t=20ms
One cycle
Figure 11. Relative variation of critical rate of decrease
of main current (dI/dt)c versus reapplied dV/dt (typical
values)
0
1
2
3
4
0.1
1.0
10.0
100.0
(dI/dt)c [ (dV/dt)c ] / Specified (dI/dt)c
(dV/dt)c (V/µs)
Figure 12. Relative variation of thermal impedance versus
pulse duration
1.E-02
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
K = [Zth/Rth]
tp(s)
Zth(j-c)
Zth(j-a)
T5035H-8PI
Characteristics (curves)
DS13818 - Rev 1
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com