Electronic Components Datasheet Search
  English  ▼

X  

T5035H-8PI Datasheet(PDF) 1 Page - STMicroelectronics

Part # T5035H-8PI
Description  50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T5035H-8PI Datasheet(HTML) 1 Page - STMicroelectronics

  T5035H-8PI Datasheet HTML 1Page - STMicroelectronics T5035H-8PI Datasheet HTML 2Page - STMicroelectronics T5035H-8PI Datasheet HTML 3Page - STMicroelectronics T5035H-8PI Datasheet HTML 4Page - STMicroelectronics T5035H-8PI Datasheet HTML 5Page - STMicroelectronics T5035H-8PI Datasheet HTML 6Page - STMicroelectronics T5035H-8PI Datasheet HTML 7Page - STMicroelectronics T5035H-8PI Datasheet HTML 8Page - STMicroelectronics T5035H-8PI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
A2
A1
G
TOP3 Insulated
A2
A1
G
Features
•
50 A RMS Snubberless Triac
•
800 V symmetrical blocking voltage
•
150 °C maximum junction temperature Tj
•
Three triggering quadrants
•
High noise immunity - static dV/dt
•
Robust dynamic turn-off commutation - (dl/dt)c
•
ECOPACK2 compliant component
•
Molding resin UL94-V0 Flammability certified
•
Comply with UL1557 insulation: 2.5 kV
–
Reference file: E81734
Applications
•
Home automation Smart AC plug
•
Water heater, room heater and coffee machine
•
AC Induction and Universal Motor control
•
Inrush current limiter in AC DC rectifiers
•
Lighting and automation I/O control
•
General purpose AC line load control
Description
This 50 A Triac housed in TOP3 insulated is designed to operate at 800 V and
150 °C. The T5035H-8PI Triac provides an enhanced thermal management: this is
the right choice for a compact drive of heavy AC loads and enables the heatsink size
reduction.
Based on the latest ST high temperature Snubberless technology, it offers our
highest specified turn off commutation and noise immunity levels at the Tj max.
The T5035H-8PI safely optimizes the control of the motors, heaters and inductive
loads for the most constraining environments of industrial and home appliances.
By using an internal ceramic pad, it provides a recognized voltage insulation, rated at
2500 VRMS.
Product status link
T5035H-8PI
Product summary
IT(RMS)
50 A
VDRM/VRRM
800 V
VDSM/VRSM
900 V
IGT
35 mA
Tj max.
150 °C
50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
T5035H-8PI
Datasheet
DS13818 - Rev 1 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - T5035H-8PI

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T5035H-8PI ISC-T5035H-8PI Datasheet
266Kb / 2P
Triacs
More results

Similar Description - T5035H-8PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T835H-8T STMICROELECTRONICS-T835H-8T Datasheet
278Kb / 11P
8 A - 800 V - 150 °C 8H Triac in TO-220AB
11-Dec-2020
T1235H-8G STMICROELECTRONICS-T1235H-8G Datasheet
268Kb / 12P
12 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T1235H-8I STMICROELECTRONICS-T1235H-8I Datasheet
287Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
Rev 2 - December 2020
T1235H-8T STMICROELECTRONICS-T1235H-8T Datasheet
281Kb / 11P
12 A - 800 V - 150 °C 8H Triac in TO-220AB
Rev 2 - December 2020
T2035H-8G STMICROELECTRONICS-T2035H-8G Datasheet
272Kb / 12P
20 A - 800 V - 150 °C 8H Triac in D²PAK
21-Dec-2020
T2035H-8I STMICROELECTRONICS-T2035H-8I Datasheet
270Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T2035H-8T STMICROELECTRONICS-T2035H-8T Datasheet
283Kb / 11P
20 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
T3035H-8I STMICROELECTRONICS-T3035H-8I Datasheet
266Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB insulated
21-Dec-2020
T3035H-8T STMICROELECTRONICS-T3035H-8T Datasheet
263Kb / 11P
30 A - 800 V - 150 °C 8H Triac in TO-220AB
21-Dec-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com