Electronic Components Datasheet Search
  English  ▼

X  

T5035H-8PI Datasheet(PDF) 4 Page - STMicroelectronics

Part # T5035H-8PI
Description  50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T5035H-8PI Datasheet(HTML) 4 Page - STMicroelectronics

  T5035H-8PI Datasheet HTML 1Page - STMicroelectronics T5035H-8PI Datasheet HTML 2Page - STMicroelectronics T5035H-8PI Datasheet HTML 3Page - STMicroelectronics T5035H-8PI Datasheet HTML 4Page - STMicroelectronics T5035H-8PI Datasheet HTML 5Page - STMicroelectronics T5035H-8PI Datasheet HTML 6Page - STMicroelectronics T5035H-8PI Datasheet HTML 7Page - STMicroelectronics T5035H-8PI Datasheet HTML 8Page - STMicroelectronics T5035H-8PI Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus on-state
RMS current (full cycle)
0
10
20
30
40
50
60
0
10
20
30
40
50
180°
P(W)
IT(RMS)(A)
α = 180°
Figure 2. On-state RMS current versus case temperature
(full cycle)
0
10
20
30
40
50
60
0
25
50
75
100
125
150
IT(RMS)(A)
Tc(°C)
Figure 3. On-state RMS current versus ambient
temperature (free air convection)
0
1
2
3
4
0
25
50
75
100
125
150
IT(RMS)(A)
Ta(°C)
α = 180°
Figure 4. On-state characteristics (maximum values)
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ITM(A)
VTM(V)
Tj max.: 150 °C
Vto = 0.80 V
Rd = 10 mΩ
Tj = 150 °C
Tj = 25 °C
Figure 5. Relative variation of gate triggering current and
voltage versus junction temperature (typical values)
0.0
0.5
1.0
1.5
2.0
2.5
-50
-30
-10
10
30
50
70
90
110
130
150
IGT,VGT[Tj] / IGT,VGT[Tj = 25 °C]
Tj (°C)
IGT Q3
VGT Q1-Q2-Q3
IGT Q1
IGT Q2
Figure 6. Relative variation of holding current and
latching current versus junction temperature (typical
values)
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
IH,IL [Tj] / IH,IL [Tj = 25 °C]
Tj (°C)
IH
IL
T5035H-8PI
Characteristics (curves)
DS13818 - Rev 1
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com