Electronic Components Datasheet Search
  English  ▼

X  

T5035H-8PI Datasheet(PDF) 8 Page - STMicroelectronics

Part # T5035H-8PI
Description  50 A - 800 V - 150 °C 8H-Triac in TOP3 Ins.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T5035H-8PI Datasheet(HTML) 8 Page - STMicroelectronics

Back Button T5035H-8PI Datasheet HTML 3Page - STMicroelectronics T5035H-8PI Datasheet HTML 4Page - STMicroelectronics T5035H-8PI Datasheet HTML 5Page - STMicroelectronics T5035H-8PI Datasheet HTML 6Page - STMicroelectronics T5035H-8PI Datasheet HTML 7Page - STMicroelectronics T5035H-8PI Datasheet HTML 8Page - STMicroelectronics T5035H-8PI Datasheet HTML 9Page - STMicroelectronics T5035H-8PI Datasheet HTML 10Page - STMicroelectronics T5035H-8PI Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Table 5. Mechanical data
Ref.
Dimensions
mm
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.1732
0.1811
B
1.45
1.55
0.0571
0.0610
C
14.35
15.60
0.5650
0.6142
D
0.50
0.70
0.0197
0.0276
E
2.70
2.90
0.1063
0.1142
F
15.80
16.50
0.6220
0.6496
G
20.40
21.10
0.8031
0.8307
H
15.10
15.50
0.5945
0.6102
J
5.40
5.65
0.2126
0.2224
K
3.40
3.65
0.1339
0.1437
L
4.08
4.17
0.1606
0.1642
P
1.20
1.40
0.0472
0.0551
R
4.60
0.1811
1. Inches given for reference only
T5035H-8PI
Package information
DS13818 - Rev 1
page 8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com