Electronic Components Datasheet Search
  English  ▼

X  

86004 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 86004
Description  15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

86004 Datasheet(HTML) 3 Page - Renesas Technology Corp

  86004 Datasheet HTML 1Page - Renesas Technology Corp 86004 Datasheet HTML 2Page - Renesas Technology Corp 86004 Datasheet HTML 3Page - Renesas Technology Corp 86004 Datasheet HTML 4Page - Renesas Technology Corp 86004 Datasheet HTML 5Page - Renesas Technology Corp 86004 Datasheet HTML 6Page - Renesas Technology Corp 86004 Datasheet HTML 7Page - Renesas Technology Corp 86004 Datasheet HTML 8Page - Renesas Technology Corp 86004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
REVISION B 7/10/15
86004 DATA SHEET
3
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/
LVTTL ZERO DELAY CLOCK BUFFER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DDA
= V
DDO
= 3.3V±5%, TA = 0°C TO 70°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD
+ 0.5 V
Outputs, V
O
-0.5V to V
DDO
+ 0.5V
Package Thermal Impedance,
θ
JA
89°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 4B. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DDA
= 3.3V±5%, V
DDO
= 2.5V±5%, TA = 0°C TO 70°C
TABLE 4C. POWER SUPPLY DC CHARACTERISTICS, V
DD
= V
DDA
= V
DDO
= 2.5V±5%, TA = 0°C TO 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDA
Analog Supply Voltage
3.135
3.3
V
DD
V
V
DDO
Output Supply Voltage
3.135
3.3
3.465
V
I
DD
Power Supply Current
98
mA
I
DDA
Analog Supply Current
17
mA
I
DDO
Output Supply Current
8mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
3.135
3.3
3.465
V
V
DDA
Analog Supply Voltage
3.135
3.3
V
DD
V
V
DDO
Output Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
98
mA
I
DDA
Analog Supply Current
17
mA
I
DDO
Output Supply Current
8mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Core Supply Voltage
2.375
2.5
2.625
V
V
DDA
Analog Supply Voltage
2.375
2.5
V
DD
V
V
DDO
Output Supply Voltage
2.375
2.5
2.625
V
I
DD
Power Supply Current
88
mA
I
DDA
Analog Supply Current
14
mA
I
DDO
Output Supply Current
6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com